Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMB10J Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMB10J
Description  Transient Voltage Suppression Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMB10J Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMB10J Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 1000W > SMB10J Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@ I pp (V)
BI
UNI
Min .V
Max .V
SMB10J5.0CA
SMB10J5.0A
AE
KE
5.0
6.40
7.00
10
800
108.70
9.2
SMB10J6.0CA
SMB10J6.0A
AG
KG
6.0
6.67
7.37
10
800
97.09
10.3
SMB10J6.5CA
SMB10J6.5A
AK
KK
6.5
7.22
7.98
10
500
89.29
11.2
SMB10J7.0CA
SMB10J7.0A
AM
KM
7.0
7.78
8.60
10
200
83.33
12.0
SMB10J7.5CA
SMB10J7.5A
AP
KP
7.5
8.33
.9.21
1
100
77.52
12.9
SMB10J8.0CA
SMB10J8.0A
AR
KR
8.0
8.89
9.83
1
50
73.53
13.6
SMB10J8.5CA
SMB10J8.5A
AT
KT
8.5
9.44
10.4
1
10
69.44
14.4
SMB10J9.0CA
SMB10J9.0A
AV
KV
9.0
10.0
11.1
1
5
64.94
15.4
SMB10J10CA
SMB10J10A
AX
KX
10
11.1
12.3
1
5
58.82
17.0
SMB10J11CA
SMB10J11A
AZ
KZ
11
12.2
13.5
1
5
54.95
18.2
SMB10J12CA
SMB10J12A
BE
LE
12
13.3
14.7
1
5
50.25
19.9
SMB10J13CA
SMB10J13A
BG
LG
13
14.4
15.9
1
1
46.51
21.5
SMB10J14CA
SMB10J14A
BK
LK
14
15.6
17.2
1
1
43.10
23.2
SMB10J15CA
SMB10J15A
BM
LM
15
16.7
18.5
1
1
40.98
24.4
SMB10J16CA
SMB10J16A
BP
LP
16
17.8
19.7
1
1
38.46
26.0
SMB10J17CA
SMB10J17A
BR
LR
17
18.9
20.9
1
1
36.23
27.6
SMB10J18CA
SMB10J18A
BT
LT
18
20.0
22.1
1
1
34.25
29.2
SMB10J19CA
SMB10J19A
BB
LB
19
21.1
23.3
1
1
32.49
30.8
SMB10J20CA
SMB10J20A
BV
LV
20
22.2
24.5
1
1
30.86
32.4
SMB10J22CA
SMB10J22A
BX
LX
22
24.4
26.9
1
1
28.17
35.5
SMB10J24CA
SMB10J24A
BZ
LZ
24
26.7
29.5
1
1
25.71
38.9
SMB10J26CA
SMB10J26A
CE
ME
26
28.9
31.9
1
1
23.75
42.1
SMB10J28CA
SMB10J28A
CG
MG
28
31.1
34.4
1
1
22.03
45.4
SMB10J30CA
SMB10J30A
CK
MK
30
33.3
36.8
1
1
20.66
48.4
SMB10J33CA
SMB10J33A
CM
MM
33
36.7
40.6
1
1
18.76
53.3
SMB10J36CA
SMB10J36A
CP
MP
36
40.0
44.2
1
1
17.21
58.1
SMB10J40CA
SMB10J40A
CR
MR
40
44.4
49.1
1
1
15.50
64.5
SMB10J43CA
SMB10J43A
CT
MT
43
47.8
52.8
1
1
14.41
69.4
SMB10J45CA
SMB10J45A
CV
MV
45
50.0
55.3
1
1
13.76
72.7
SMB10J48CA
SMB10J48A
CX
MX
48
53.3
58.9
1
1
12.92
77.4
SMB10J51CA
SMB10J51A
CZ
MZ
51
56.7
62.7
1
1
12.14
82.4
SMB10J54CA
SMB10J54A
DE
NE
54
60.0
66.3
1
1
11.48
87.1
SMB10J58CA
SMB10J58A
DG
NG
58
64.4
71.2
1
1
10.68
93.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com