Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9968C Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM9968C
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9968C Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM9968C Datasheet HTML 1Page - Anpec Electronics Coropration APM9968C Datasheet HTML 2Page - Anpec Electronics Coropration APM9968C Datasheet HTML 3Page - Anpec Electronics Coropration APM9968C Datasheet HTML 4Page - Anpec Electronics Coropration APM9968C Datasheet HTML 5Page - Anpec Electronics Coropration APM9968C Datasheet HTML 6Page - Anpec Electronics Coropration APM9968C Datasheet HTML 7Page - Anpec Electronics Coropration APM9968C Datasheet HTML 8Page - Anpec Electronics Coropration APM9968C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jul., 2003
www.anpec.com.tw
2
APM9968C
APM9968C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BV
DSS
Drain-Source Breakdown
Voltage
V
GS=0V , IDS=250µA
20
V
I
DSS
Zero Gate Voltage Drain
Current
V
DS=16V , VGS=0V
1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=250µA
0.6
0.7
1
V
IGSS
Gate Leakage Current
VGS=±8V , VDS=0V
±10
µA
VGS=4.5V , IDS=6A
16
20
RDS(ON)
a
Drain-Source On-state
Resistance
VGS=2.5V , IDS=5.2A
20
25
m
VSD
a
Diode Forward Voltage
ISD=0.5A , VGS=0V
0.7
1.3
V
Dynamic
b
Qg
Total Gate Charge
19
25
Qgs
Gate-Source Charge
2
Qgd
Gate-Drain Charge
VDS=10V , IDS= 6A
VGS=4.5V ,
5
nC
td(ON)
Turn-on Delay Time
37
68
Tr
Turn-on Rise Time
33
62
td(OFF)
Turn-off Delay Time
100
182
Tf
Turn-off Fall Time
VDD=10V , IDS=6A ,
VGEN=4.5V , RG=6Ω
54
100
ns
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
V
DSS
Drain-Source Voltage
20
V
GSS
Gate-Source Voltage
±8
V
ID
*
Maximum Drain Current – Continuous
6
I
DM
Maximum Drain Current – Pulsed
20
A
T
A=25°C
1
P
D
Maximum Power Dissipation
T
A=100°C
0.4
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθJA*
Thermal Resistance – Junction to Ambient
80
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com