Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WL1835MODCOM8B Datasheet(PDF) 2 Page - Texas Instruments

Part # WL1835MODCOM8B
Description  WLAN MIMO and Bluetooth Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1835MODCOM8B Datasheet(HTML) 2 Page - Texas Instruments

  WL1835MODCOM8B Datasheet HTML 1Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 2Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 3Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 4Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 5Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 6Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 7Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 8Page - Texas Instruments WL1835MODCOM8B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Warning
www.ti.com
2
SWRU359E – September 2013 – Revised September 2015
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
WL1835MODCOM8B WLAN MIMO and Bluetooth® Module EVM
17
Layer 4
....................................................................................................................... 18
18
Module Layout Guidelines (Top Layer)
.................................................................................. 19
19
Module Layout Guidelines (Bottom Layer)
.............................................................................. 19
20
Trace Design for the PCB Layout
........................................................................................ 20
21
Layer 1 Combined With Layer 2
......................................................................................... 20
22
Top Layer – Antenna and RF Trace Routing Layout Guidelines
.................................................... 21
23
Bottom Layer – Antenna and RF Trace Routing Layout Guidelines
................................................ 21
24
MIMO Antenna Spacing
................................................................................................... 22
List of Tables
1
Approved Antenna Types and Maximum Gain Values
................................................................. 9
2
BOM
.......................................................................................................................... 16
3
Module Layout Guidelines
................................................................................................ 18
4
Antenna and RF Trace Routing Layout Guidelines
.................................................................... 20
Trademarks
WiLink8 is a trademark of Texas Instruments.
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
Android is a trademark of Google Inc.
Linux is a registered trademark of Linux Foundation.
Wi-Fi is a registered trademark of Wi-Fi Alliance.
1
Warning
The WL1835MODCOM8B board is tested to comply with ETSI/R&TTE over temperatures from –20°C to
85°C.
This board should not be modified to operate in other frequency bands other than what they are designed
for.
FCC Licensing Requirements for the Wi-Fi and Bluetooth Radio Module of the EVM:
For evaluation only; not FCC approved for resale. This kit is designed to allow:
1. Product developers to evaluate electronic components, circuitry, or software associated with the kit to
determine whether to incorporate such items in a finished product
2. Software developers to write software applications for use with the end product. This kit is not a
finished product and when assembled may not be resold or otherwise marketed unless all required
FCC equipment authorizations are first obtained. Operation is subject to the condition that this product
not cause harmful interference to licensed radio stations and that this product accept harmful
interference. Unless the assembled kit is designed to operate under part 15, part 18, or part 95 of this
chapter, the operator of the kit must operate under the authority of an FCC license holder or must
secure an experimental authorization under part 5 of this chapter.
Per TI’s Regulatory Compliance Information located in the WL1835ModCOMB8B User’s Guide’s
“Evaluation Board/Kit/Module (EVM) Additional Terms,” this EVM cannot be used for production purposes
and is explicitly restricted from end-product introduction.
Use of this EVM requires the developer to provide a minimum distance of at least 20 cm from the antenna
to all persons in order to minimize risk of potential radiation hazards.
CAUTION
Do not leave the EVM powered when unattended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com