Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSTS016IL Datasheet(PDF) 3 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HSTS016IL
Description  Hall split c ore current sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HSTS016IL Datasheet(HTML) 3 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HSTS016IL Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd. HSTS016IL Datasheet HTML 2Page - Beijing Yaohuadechang Electronic Co., Ltd. HSTS016IL Datasheet HTML 3Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SCM
PLC
0V
Vref
37.8±0.3
31±0.3
17.5±0.3
3
gain zero
gain zero
Dimensions(mm):
Front view
Side view
Connection diagram
Leading wire specification:
0.2mm Four-core shielding wire
Cable length:50cm
Four-corecolor:Red,black,yellowandwhite
2
Current direction:
Epoxy surface
Print surface
Cable definition:
Red:+V
black:-V
yellow:Vout
white:0V
Potentiometer definition:
left:gain
right:zero
※Testing:
①choose small ripple(≤10mV)
stabilized auxiliary power supply(APS)
②get through APS
③APS connect sensor
④sensor test primary current
Qinhuangdao Dechang Electric Co.,Ltd
www.yhdc.com
Email:yhdc@yhdc.com
power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com