Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKA2211PI Datasheet(PDF) 20 Page - Ericsson

Part # PKA2211PI
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2211PI Datasheet(HTML) 20 Page - Ericsson

Back Button PKA2211PI Datasheet HTML 12Page - Ericsson PKA2211PI Datasheet HTML 13Page - Ericsson PKA2211PI Datasheet HTML 14Page - Ericsson PKA2211PI Datasheet HTML 15Page - Ericsson PKA2211PI Datasheet HTML 16Page - Ericsson PKA2211PI Datasheet HTML 17Page - Ericsson PKA2211PI Datasheet HTML 18Page - Ericsson PKA2211PI Datasheet HTML 19Page - Ericsson PKA2211PI Datasheet HTML 20Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
EN/LZT 146 09 R1A
© Ericsson Microelectronics AB, June 2000
Data Sheet
VO/IO max
Output 1
VI
Ordering No.
PO max
Output 2/3
On-Card
Off-Card
Product Program
5 V/5 A
5 V/8 A
12 V/2 A
15 V/1.6 A0
+5 V/5 A
1 +5 V/5 A
+5 V/8 A
PKA 2211 PI
PKA 2411 PIL
PKA 2323 PI
PKA 2325 PI
PKA 2231 PI
PKA 2232 PI
PKA 2432 PIL
25 W
40 W
30 W
30 W
25 W
25 W
40 W
12 V/2 A
15 V/1.6 A.
±12 V/1 A
±15 V/0.8 A
±15 V/2 A
24 V
PKA 2211 CI
PKA 2323 CI
PKA 2325 CI
PKA 2231 CI
PKA 2232 CI
The latest and most complete infor-
mation can be found on our website!
Ericsson Microelectronics AB
SE-164 81 KISTA, Sweden
Phone: +46 8 757 5000
www.ericsson.com/microelectronics
For local sales contacts, please refer to our website
or call: Int. +46 8 757 4700, Fax: +46 8 757 4776



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com