Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0E6830A0 Datasheet(PDF) 3 Page - ZF Friedrichshafen AG

Part # 0E6830A0
Description  Snap in mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

0E6830A0 Datasheet(HTML) 3 Page - ZF Friedrichshafen AG

  0E6830A0 Datasheet HTML 1Page - ZF Friedrichshafen AG 0E6830A0 Datasheet HTML 2Page - ZF Friedrichshafen AG 0E6830A0 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
123456783918 89973 
3541754



!"#
$

%&'
()(
(
&*6&+,*(
-'
.
/%,-(
*(
,'
0
&12
6&+,*(
-'
.
-34
16&+,*(
-'
.
1)3%5
1)0
06
7,3,(
8
6&+,*(
-'
.59&'2):4
0
4
-'
.1)3%)(
(
&*
;
2<=4
+,*34
&*4
3>
)0
0&?,'
(
'
-?,0=4
+,*34
&*3,,-@&?,
AB
!CD!EF#!
9)0
0G-'
(*)+@,'
/&+@4
*,H4
(
%(
%,@)(
(
&*3(
.0
,
,0
,1((
%,=,34
'
,=1&*(
-1('
-(
4
*I
JKLM
NOP
NOP
JKL
QRSUV
WXY
Z[
\S
R]^ZS
UV
RWU_
,0
,1((
%,=,34
'
,=1&*(
-1(
/&+@4
*,H4
(
%(
%,
'
-(
4
*I
1 937
1 953/
@)(
(
&*3(
.0
,
JKLM
N`P
JKLM
NbP
NOP
JKL
6
2==c(
&3)>
>
4
:8
6
2==d(
&3)>
>
4
:8
/&*(
-1(
/-0
0
e>
-:&'?4
34
(&)'
f,@34
(
,>
&'+&'
,4
*>
&'
+-(
4
&*g
hiJj
klm
nopq
lrsontonum
q
op
ccdvvww(
%2?,*),
10
,-3-*(1'
-4
'
4
,efxycxw
1%&*,zd{dg
|}dg
{xvv
f,@zHHHg
3H4
(
1%,35
3,*3&'
3g
~>
g
1&+
4+-4
0
z3H4
(
1%,35
3,*3&'
3~>
g
1&+
9-:zd{dg
|}dg
{x{{
9%,+-*)>
-1(
)'
,'-11,G(
3*&
0
4
-@4
0
4
(
.>
&','
'
&'
3&'*&*5
-?-4
0
-@4
0
4
(
.e
-*='
,3,'
?,3(
%,'
4
I%((
&1%-*I,
3G,14
>
4
1-(
4
&*3H4
(
%&)(G'
4
&'*&(
4
1,g
9,1%*4
1-0=-(
-'
,0
-(
,3(
&G'
&=)1(
3G,14
>
4
1-(
4
&*3&*0
.g9,-(
)'
,3+-.
=4
>
>
,'>
'
&+(
%&3,=,31'
4
@,=g7*0
.
='
-H4
*I31&+@4
*,=H4
(
%G'
&=)1(
3G,14
>
4
1-(
4
&*33%-0
0@,=,,+,=
@4
*=4
*Ig
€dvv‚940
,1(
'
&*4
13/&'
G&'
-(
4
&*
5-3(8G=-(
,=zvvcc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com