Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ15 Datasheet(PDF) 3 Page - CUI INC

Part # PYBJ15
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ15 Datasheet(HTML) 3 Page - CUI INC

  PYBJ15 Datasheet HTML 1Page - CUI INC PYBJ15 Datasheet HTML 2Page - CUI INC PYBJ15 Datasheet HTML 3Page - CUI INC PYBJ15 Datasheet HTML 4Page - CUI INC PYBJ15 Datasheet HTML 5Page - CUI INC PYBJ15 Datasheet HTML 6Page - CUI INC PYBJ15 Datasheet HTML 7Page - CUI INC PYBJ15 Datasheet HTML 8Page - CUI INC PYBJ15 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 06/24/2019
│ page 3 of 9
CUI Inc
│ SERIES: PYBJ15 │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shut down
110
160
%
over current protection
hiccup, auto recovery
110
180
230
%
short circuit protection
hiccup, continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA
input to case8 for 1 minute at 1 mA
output to case8 for 1 minute at 1 mA
1,500
500
500
Vdc
Vdc
Vdc
isolation resistance
input to output at 500 Vdc
input to case8 at 500 Vdc
output to case8 at 500 Vdc
100
100
100
MΩ
MΩ
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
1,000
pF
safety approvals
IEC 62368-1, EN 62368-1
conducted emissions
CISPR32/EN55032, class B (external circuit required, see Figure 2-a)
radiated emissions
CISPR32/EN55032, class B (external circuit required, see Figure 2-a)
ESD
IEC/EN61000-4-2, contact ±6 kV, class B
radiated immunity
IEC/EN61000-4-3, 10 V/m, class A
EFT/burst
IEC/EN61000-4-4, ±2 kV, class B (external circuit required, see Figure 2-b)
surge
IEC/EN61000-4-5, line-line ±2 kV, class B (external circuit required, see Figure Figure 2-b)
conducted immunity
IEC/EN61000-4-6, 3 Vr.m.s, class A
MTBF
as per MIL-HDBK-217F, 25°C
1,000,000
hours
RoHS
yes
Note:
8. Only applies to versions with case.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
vibration
10~150 Hz, for 60 minutes on each axis
5
G
DERATING CURVES
Ambient Temperature (°C)
-40
60
80
100
40
20
060
100
120
120
0
20
40
85
70
Temperature Derating Curve
(Output Load vs. Ambient Tempearature
3.3, 5 Vdc output models)
Ambient Temperature (°C)
-40
60
80
100
40
20
060
100
120
120
0
20
40
85
70
70
Temperature Derating Curve
(Output Load vs. Ambient Tempearature
12, 15 Vdc output models)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com