Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REM2 Datasheet(PDF) 4 Page - Recom International Power

Part # REM2
Description  2 Watt SIP8 Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM2 Datasheet(HTML) 4 Page - Recom International Power

  REM2 Datasheet HTML 1Page - Recom International Power REM2 Datasheet HTML 2Page - Recom International Power REM2 Datasheet HTML 3Page - Recom International Power REM2 Datasheet HTML 4Page - Recom International Power REM2 Datasheet HTML 5Page - Recom International Power REM2 Datasheet HTML 6Page - Recom International Power REM2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.recom-power.com
REV.: 1/2019
MED-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load unless otherwise stated)
REM2
Series
PROTECTIONS
Parameter
Type
Value
Isolation Voltage (5)
I/P to O/P
tested for 1 minute
5.2kVDC
rated for 1 minute
4kVAC
Isolation Resistance
10G
Ω min.
Isolation Capacitance
25pF typ.
Insulation Grade
reinforced
Means of Protection
250VAC working voltage
2MOPP
Medical Device Classification
built-in power supply
Internal
clearance / creepage
>8.1mm
External
clearance / creepage
>9.0mm
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
full load @ natural convection 0.1m/s (see graph)
-40°C to +80°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/K
Thermal Impedance
0.1m/s, horizontal
40K/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G standard
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+80°C
12900 x 103 hours
5300 x 103 hours
continued on next page
Deviation vs. Load
REM2-3.312S(D)
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
20
10
0
-10
15
5
-5
3.312S
3.312D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com