Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB30K Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # MB30K
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MB30K Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  MB30K Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MB30K Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB30A thru MB30M
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 3.0Amperes
FEATURES
●Rating to 1000V PRV
●Ideal for printed circuit board
●Low forward voltage drop,high current capability
●Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
●Lead tin Pb/Sn copper
●The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●Polarit: As marked on Body
●Mounting position: Any
Dimensions in inches and (millimeters)
Pakage:MSBL
MAXIMUM RATINGS AND
ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC .Method)
Maximum Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
1.1
10
500
26.56
-55 to +150
-55 to +150
I(AV)
IFSM
IR
A
A
uA
3.0
80
SYMBOL
MB30A
MB30B MB30D MB30G MB30J MB30K MB30M
UNIT
Version 1.0
2018/5/7
http://www.bytesonic.com
.tw


Similar Part No. - MB30K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB30 ETC1-MB30 Datasheet
116Kb / 1P
Micro Power Resistors
logo
Mitsubishi Electric Sem...
MB30-CS MITSUBISHI-MB30-CS Datasheet
1Mb / 105P
TECHNICAL NOTES
MB30-SP MITSUBISHI-MB30-SP Datasheet
1Mb / 105P
TECHNICAL NOTES
logo
MicroPower Direct, LLC
MB3000ERW MPD-MB3000ERW Datasheet
804Kb / 4P
Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
logo
Jiangsu APT Semiconduct...
MB300S02M5 APTSEMI-MB300S02M5 Datasheet
114Kb / 2P
Three Phase Rectifier Bridge
More results

Similar Description - MB30K

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
GBP3005 HY-GBP3005_V01 Datasheet
398Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com