Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DB3A-B1BA Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # DB3A-B1BA
Description  Precision switch with high repeat accuracy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

DB3A-B1BA Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  DB3A-B1BA Datasheet HTML 1Page - ZF Friedrichshafen AG DB3A-B1BA Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-04-06, Specifications subject to change without notice.
Mechanical Specifications
Contact Gap
< 3 mm (µ)
Operating Force
70 – 280 cN (model dependent, without actuator)
Total Travel
1.6 mm
Operating life
Operation Cycles
Contact
EN61058
UL1054
Mechanical Life
1
10,000
6,000
15,000,000
2
10,000
6,000
10,000,000
3
50,000
100,000
15,000,000
4
50,000
6,000
15,000,000
5
50,000
6,000
15,000,000
6
50,000
6,000
15,000,000
7
50,000
6,000
10,000,000
Material Specifications
Base
PET (UL 94 V-0)
Cover
PBT (UL 94 V-0); PET (UL 94 V-0)
Actuator
PBT (UL 94 V-0) 120
OC, POM (UL 94 HB) 85 OC
Contacts
AgSnO2, AgNi, AuAgPt (Crosspoint)
Terminals
CuZn (silver-plated)
Auxiliary Actuator
Stainless Steel or plastic
Switching parameters
Complete chart available at www.cherryswitches.com
Environmental Specifications
Ambient Temperature
-40
OC to 85 OC/120 OC (-40 OF to 185 OF/248 OF)
Operating Force
70 – 280 cN (model dependent, without actuator)
Total Travel
1.6 mm
Ingress Protection
IP50
Dimensions mm (inches)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com