Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMK23P2S1-GS08 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMK23P2S1-GS08
Description  Vishay Semiconductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMK23P2S1-GS08 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMK23P2S1-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK23P2S1-GS08 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VLMK23.., VLMF23.., VLME23..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 23-Feb-18
1
Document Number: 81681
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Mini SMD LED
DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliability in an arduous environment.
This is often the case in automotive and industrial
application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packing
unit
IVmax./IVmin.
≤ 1.6
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards, and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMK23P2R1-GS08
Red
56
120
140
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMK23P2S1-GS08
Red
56
125
224
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMK23R1S1-GS08
Red
112
130
224
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMF23Q2S1-GS08
Soft orange
90
180
224
20
598
605
611
20
-
2
2.6
20
AlInGaP on GaAs
VLMF23R2T1-GS08
Soft orange
140
180
355
20
598
605
611
20
-
2
2.6
20
AlInGaP on GaAs
VLME23R2T1-GS08
Yellow
140
190
355
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs
VLME23Q2T1-GS08
Yellow
90
170
355
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLMK23P2S1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK23P2S1-GS08 VISHAY-VLMK23P2S1-GS08 Datasheet
324Kb / 12P
Power Mini SMD LED
29-Jan-16
VLMK23P2S1-GS08 VISHAY-VLMK23P2S1-GS08 Datasheet
325Kb / 12P
Power Mini SMD LED
29-Jan-16
VLMK23P2S1-GS08 VISHAY-VLMK23P2S1-GS08 Datasheet
356Kb / 12P
Power Mini SMD LED
21-Jul-2022
More results

Similar Description - VLMK23P2S1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
ESH1PB VISHAY-ESH1PB Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
19-Sep-11
1N5242B-TAP VISHAY-1N5242B-TAP Datasheet
99Kb / 6P
Vishay Semiconductors
06-May-13
BZG03C62-TR VISHAY-BZG03C62-TR Datasheet
81Kb / 5P
BZG03C-Series Vishay Semiconductors
29-Nov-11
S1PGHE3 VISHAY-S1PGHE3 Datasheet
110Kb / 5P
Vishay General Semiconductor
18-Apr-08
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
SEMICONDUCTORS
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com