Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTG2ACB1BDRNN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # KTG2ACB1BDRNN
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KTG2ACB1BDRNN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  KTG2ACB1BDRNN Datasheet HTML 1Page - ZF Friedrichshafen AG KTG2ACB1BDRNN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-04-07, Specifications subject to change without notice.
Sealed Rocker Switch
Single Pole
KT Series
Features
•
Snap-in mounting
•
RoHS compliant
•
Lighted and non-lighted versions available
•
IP56
•
Switches up to 20 A
•
100,000 cycles mechanical life
Standard Parts
1
North America
North America and Europe
Europe
KTG2AMB2BBBRN1
KTG2ANB1BBDNNN
KTG2ALB2BBBRN1
KTG2BNB1BBBNNN
KTG2CNB1BBNNNN
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KTG2ANB 1BBDNNN
KT G 2 A N B
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KT
G
2
Single pole
A
ON-OFF
N
Non-lighted
B
6.35 mm (0.250”)
quick connect
B
ON-ON
E
110 VAC neon
C
3
ON-OFF-ON
L
220 VAC neon
C
28 VDC LED
M
14 VDC LED
2See Electrical Specifications section
3Only available as non-lighted
1 B B D N N N
Actuator Type
Actuator Color
Housing Color
Actuator Marking
4
Lens Color
No designation
Number of lights
1
Non-lighted
B
Black
B
Black
B
Blank
A
Amber
N
All p/n for
this series
have ‘N’ in
this
position.
N
None
2
Lighted
D
O
––
G
Green
1
One
J
ON
OFF
L
Blue
N
I O II
R
Red
N
None
4Only non-lighted actuators can be marked.


Similar Part No. - KTG2ACB1BDRNN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KTG2ALB2BBBRN1 CHERRY-KTG2ALB2BBBRN1 Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
KTG2AMB2BBBRN1 CHERRY-KTG2AMB2BBBRN1 Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
More results

Similar Description - KTG2ACB1BDRNN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
Sealed Rocker Switch Single Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
Sealed Rocker Switch
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
Sealed Rocker Switch
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
Sealed Rocker Switch
KGC2ANB1BBD ZFSWITCHES-KGC2ANB1BBD Datasheet
235Kb / 2P
Sealed Rocker Switch
KMD2AMB7BBBNR1 ZFSWITCHES-KMD2AMB7BBBNR1 Datasheet
236Kb / 2P
Sealed Rocker Switch
KRE2ALA2GBB ZFSWITCHES-KRE2ALA2GBB Datasheet
208Kb / 2P
Sealed Rocker Switch
KSF2ANB1BBD ZFSWITCHES-KSF2ANB1BBD Datasheet
273Kb / 2P
Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com