Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTG2ACB2BDRNN Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # KTG2ACB2BDRNN
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KTG2ACB2BDRNN Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  KTG2ACB2BDRNN Datasheet HTML 1Page - ZF Friedrichshafen AG KTG2ACB2BDRNN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-04-07, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings
Lighting Option
EN61058-1
UL1054
VDC
5
N
10 (4) A 250 VAC, T85
20 A 125 VAC 1/3 HP / 10 A 250 VAC 3/4 HP
21 A 14 VDC
E, L
10 (4) A 250 VAC, T85
20 A 125 VAC 1/3 HP / 10 A 250 VAC 3/4 HP
N/A
C
N/A
N/A
10 A 28 VDC
M
N/A
N/A
21 A 14 VDC
Electrical Life at Rated Load
VDE
UL
Minimum Operations
10,000
6,000
5DC ratings not agency approved
UL File No: E23301
Material and Environmental Specifications
Actuator, non-lighted
Nylon 66 with 33% Glass Fiber
Actuator, lighted
Polycarbonate
Housing
Nylon 66
Bezel
Nylon 66
Spring
Nickle-Plated Steel Wire
Contacts
Silver-Plated Copper Alloy
Operating Temperature Range
-20
OC to +85 OC (-4 OF to +185 OF)
Ingress Protection
IP56
Circuitry and Switch Functions
Dimensions mm (inches)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com