Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WRG22F2BWCNN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # WRG22F2BWCNN
Description  Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

WRG22F2BWCNN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  WRG22F2BWCNN Datasheet HTML 1Page - ZF Friedrichshafen AG WRG22F2BWCNN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-09-11, Specifications subject to change without notice.
Rocker Switch
Single and Double Pole
WR Series
Features
•
Lighted and non-lighted
•
Rugged design for 2-pole high current applications
•
RoHS compliant
•
Minimum 10,000 operations mechanical life
Standard Parts
1
North America and Europe
Europe
WRG32F2FBBRLN
WRG32F2FBGLN
WRG32F5FBBNN
WRG32F2BBBNN
WRG32F2FBGEN
WRG32F7BWWKN
WRG32F2FBBBNN
WRG32F2FBRLN
WRG32F2BBGEN
WRG32F2FBREN
WRG32F7BWWNN
WRG32F2BBGLN
WRG32F7BBBKN
WRG33F2BBBNN
WRG32F2BBREN
WRG32F7BBBNN
WRG34F2BBBNN
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
WRG32F2FBBNN
WR G 3 2 F 2
Series
Contact Rating
2
Circuitry
Switch Function
Terminal Type
Actuator Type
WR
G
2
Single pole
2
ON-OFF
A
4.8 mm (0.187”)
quick connect
2
Curved
3
Double pole
3
ON-ON
F
6.4 mm (0.250”)
quick connect
5
Flat
6
(ON)-ON
7
Curved – Dual
actuators
2See Electrical Specifications section
F B B N N 01
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
N
No rocker boot
C
HI
LO
W
White
B
Black
E
250 VAC bulb
D
ON
OFF
Y
Grey
C
Brown
L
125 VAC bulb
E
O
I
G
Green
H
12 VDC LED
3
F
I
O
M
Yellow
G
6 VDC LED
3
R
Red
F
5 VDC LED
3
U
Blue
K
250 VAC bulb,
small round red
lens on rocker
W
White
J
125 VAC bulb,
small round red
lens on rocker
Y
Grey
3Switches have no agency DC ratings


Similar Part No. - WRG22F2BWCNN

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
WRG20F-05BB POWER-SYSTEMS-WRG20F-05BB Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
WRG20F-060B POWER-SYSTEMS-WRG20F-060B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
WRG20F-090B POWER-SYSTEMS-WRG20F-090B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
WRG20F-09AB POWER-SYSTEMS-WRG20F-09AB Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
More results

Similar Description - WRG22F2BWCNN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
GRB112B802BR1 CWIND-GRB112B802BR1 Datasheet
60Kb / 1P
ROCKER SWITCH
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com