Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMY233T2V2 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMY233T2V2
Description  Power Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMY233T2V2 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMY233T2V2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMY233T2V2 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VLMS233.., VLMR233.., VLMK233.., VLMO233.., VLMY233..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 27-Jul-17
1
Document Number: 82423
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Mini SMD LED
DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliably in an arduous environment.
This is often the case in automotive and industrial
application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Product series: power
• Package: SMD MiniLED
• Angle of half intensity: ± 60°
FEATURES
• Utilizing latest advanced AlInGaP technology
• Available in 8 mm tape
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• ESD-withstand voltage: up to 2 kV according
to JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• IR reflow soldering
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
• Dashboard illumination
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc.
Note
(1) Driving the LED in reverse direction is suitable for a short term application only
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS233T1V1-GS08
Super red
280
450
900
20
626
630
639
20
1.8
2.0
2.6
20
AlInGaP on Si
VLMR233T2V2-GS08
Red
355
650
1120
20
619
625
631
20
1.8
2.0
2.6
20
AlInGaP on Si
VLMK233U1AA-GS08
Amber
450
680
1400
20
611
616
622
20
1.8
2.1
2.6
20
AlInGaP on Si
VLMO233U1AA-GS08
Soft orange
450
760
1400
20
600
605
611
20
1.8
2.1
2.6
20
AlInGaP on Si
VLMO233U2V2-35-08
Soft orange
560
760
1120
20
602
605
609
20
1.8
2.1
2.6
20
AlInGaP on Si
VLMY233T2V2-GS08
Yellow
355
650
1120
20
583
589
594
20
1.8
2.15
2.6
20
AlInGaP on Si
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS233.., VLMR233.., VLMK233.., VLMO233.., VLMY233..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
Short term application only
VR
5V
DC Forward current
Tamb
≤ 60 °C (480 K/W)
IF
50
mA
Power dissipation
PV
130
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction/ambient
Mounted on PC board (pad size > 16 mm2)RthJA
480
K/W
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLMY233T2V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY233T2V2-GS08 VISHAY-VLMY233T2V2-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMY233T2V2-GS08 VISHAY-VLMY233T2V2-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMY233T2V2-GS08 VISHAY-VLMY233T2V2-GS08 Datasheet
265Kb / 9P
Power Mini SMD LED
27-Jul-17
VLMY233T2V2-GS08 VISHAY-VLMY233T2V2-GS08 Datasheet
274Kb / 9P
Power Mini SMD LED
23-Sep-2021
VLMY233T2V2-GS08 VISHAY-VLMY233T2V2-GS08 Datasheet
273Kb / 9P
Power Mini SMD LED
21-Jul-2022
More results

Similar Description - VLMY233T2V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS233T1V1-GS08 VISHAY-VLMS233T1V1-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMS233 VISHAY-VLMS233 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLME23 VISHAY-VLME23 Datasheet
325Kb / 12P
Power Mini SMD LED
29-Jan-16
logo
HK TO-GRACE TECHNOLOGY ...
VLMS234V2BA-GS08 TO-GRACE-VLMS234V2BA-GS08 Datasheet
737Kb / 8P
Power Mini SMD LED
VLMS235S2U1-GS08 TO-GRACE-VLMS235S2U1-GS08 Datasheet
792Kb / 9P
Power Mini SMD LED
VLMP232M2N2 TO-GRACE-VLMP232M2N2 Datasheet
1Mb / 8P
Power Mini SMD LED
logo
Vishay Siliconix
VLMX234 VISHAY-VLMX234 Datasheet
260Kb / 8P
Power Mini SMD LED
07-Mar-17
VLMX233 VISHAY-VLMX233 Datasheet
265Kb / 9P
Power Mini SMD LED
27-Jul-17
VLME23 VISHAY-VLME23_V02 Datasheet
356Kb / 12P
Power Mini SMD LED
21-Jul-2022
VLMF2300 VISHAY-VLMF2300_V02 Datasheet
344Kb / 10P
Power Mini SMD LED
12-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com