Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWQSLM31.QM Datasheet(PDF) 21 Page - OSRAM GmbH

Part # GWQSLM31.QM
Description  Area Lights
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWQSLM31.QM Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button GWQSLM31.QM Datasheet HTML 17Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 18Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 19Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 20Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 21Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 22Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 23Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 24Page - OSRAM GmbH GWQSLM31.QM Datasheet HTML 25Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GW QSLM31.QM
21 Version 1.1 | 2019-04-10
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet falls into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. The -
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
This device is designed for specific/recommended applications only. Please consult OSRAM Opt
Semiconductors Sales Staff in advance for detailed information on other non-recommended application
(e.g. automotive).
Change management for this component is aligned with the requirements of the lighting market.
For further application related informations please visit www.osram-os.com/appnotes
This device contains intentionally added Cadmium <100ppm in the encapsulation material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com