Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1744CPW Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1744CPW
Description  Dual Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744CPW Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1744CPW Datasheet HTML 1Page - Microsemi Corporation LX1744CPW Datasheet HTML 2Page - Microsemi Corporation LX1744CPW Datasheet HTML 3Page - Microsemi Corporation LX1744CPW Datasheet HTML 4Page - Microsemi Corporation LX1744CPW Datasheet HTML 5Page - Microsemi Corporation LX1744CPW Datasheet HTML 6Page - Microsemi Corporation LX1744CPW Datasheet HTML 7Page - Microsemi Corporation LX1744CPW Datasheet HTML 8Page - Microsemi Corporation LX1744CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
DESCRI PTI O N
The LX1744 is a compact high
efficiency step-up boost regulator for
driving white or color LEDs in LCD
lighting applications while supplying the
necessary LCD bias voltage with an
additional integrated boost converter.
Designed for maximum efficiency and
featuring
a
psuedo-hysteretic
PFM
topology (that decreases output voltage
ripple), the LX1744 minimizes system cost
and condenses layout area making it ideal
for PDA, smart-phone, and digital camera
applications.
While the LCD Bias generation is
implemented using an internal N-Channel
MOSFET, the LED driver utilizes an
external N-Channel MOSFET in order to
maintain maximum efficiency along with
flexible power requirements.
The LX1744’s control circuitry is
optimized for portable systems with a
shutdown current of less than 1µA. The
input voltage range of 1.6V to 6.0V allows
for a wide selection of system battery
voltages and start-up is guaranteed at a VIN
equal to 1.6V with sustained operation as
low as 1.1V.
The maximum LED drive current is
easily programmed using one external
current sense resistor in series with the
LEDs. In this configuration, LED current
provides a feedback signal to the FB pin,
maintaining constant current regardless of
varying
LED
forward
voltage
(VF).
Depending on the MOSFET selected, the
LX1744 is capable of achieving an LED
drive in excess of 1.0W.
The LX1744 provides simple dynamic
adjustment of the LED drive current (0% to
100% full range dimming) and the LCD
Bias output voltage (up to
±15% typ)
through separate IC interfaces.
Each
interface has an internal RC filter allowing
designers to make these adjustments via a
direct PWM input signal or an analog
reference signal.
Further, any PWM
amplitude is easily accommodated using a
single external resistor.
The LX1744 is available in the 14-Pin
TSSOP, and the miniature 16-Pin MLP
requiring minimal PCB area.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
> 90% Maximum Efficiency
Low Quiescent Supply Current
Externally Programmable Peak
Inductor Current Limit for
Maximum Efficiency
Logic Controlled Shutdown
< 1µA Shutdown Current
Dynamic Output LED Current
and LCD Bias Voltage
Adjustment via Analog
Reference or Direct PWM Input
14-Pin TSSOP or 16-Pin MLPQ
Package
APPLI C ATION S
Pagers
Smart Phones
PDAs
Handheld Computers
General LCD Bias Applications
LED Driver
PRODUCT H I GHLIGHT
C
1
4.7µF
L
1
47
µH
1206 Case Size
LX1744
LFB
CS
DRV
IN
SRC
R
SET
15Ω
V
BAT = 1.6V to 6.0V
I
LED = 20mA to 0mA
OVP
SW1
V
LCD1 = VIN to 25V
FB1
- V
LCD
BRT
LSHDN
ON OFF
SW2
FB2
V
LCD2 = VIN to 25V
REF
ADJ1
SHDN1
ON OFF
GND
ADJ2
SHDN2
ON OFF
LX1744 Evaluation Board
PACKAGE ORDER I N FO
PW
Plastic TSSOP
14-Pin
LQ
Plastic MLP-Q
16-Pin
TA (°C)
RoHS Compliant / Pb-free
Transition DC: 0442
RoHS Compliant / Pb-free
Transition DC: 0430
-40 to 85
LX1744CPW
LX1744CLQ
Note: Available in Tape & Reel.
Append the letters “TR” to the part number. (i.e. LX1744CLQ-TR)


Similar Part No. - LX1744CPW

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX174 LUMINIS-LX174 Datasheet
95Kb / 2P
Pedestal mount
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
High Efficiency High Voltage Boost Controller
LX1741 MICROSEMI-LX1741 Datasheet
485Kb / 15P
High Efficiency High Voltage Boost Controller
LX1741CDU MICROSEMI-LX1741CDU Datasheet
470Kb / 15P
High Efficiency High Voltage Boost Controller
LX1741CDU MICROSEMI-LX1741CDU Datasheet
485Kb / 15P
High Efficiency High Voltage Boost Controller
More results

Similar Description - LX1744CPW

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
Triple Output Boost ??LED Driver / LCD Bias
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
logo
Kinetic Technologies.
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
KTZ8850 KINETIC-KTZ8850 Datasheet
223Kb / 2P
High Efficiency Step-Up LED Driver with Dual Output LCD Bias Power
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com