Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BT06F-600B Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BT06F-600B
Description  Bi-Directional Triode Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BT06F-600B Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BT06F-600B Datasheet HTML 1Page - First Silicon Co., Ltd BT06F-600B Datasheet HTML 2Page - First Silicon Co., Ltd BT06F-600B Datasheet HTML 3Page - First Silicon Co., Ltd BT06F-600B Datasheet HTML 4Page - First Silicon Co., Ltd BT06F-600B Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2018. 04. 11
2/5
BT06F-600B
Revision No : 0
ect i
Electrical
i
s
Characteristics (Tj=25℃,unless otherwise specified)
a
Thermal
TThermal
s a es
Resistances
Resistances
SnubberlessTM
TM
and Logic Level(3 quadrants)
o
Symbol
Test conditions
n
Quadrant
i
Unit
IGT(1)
VD=12V RL=30Ω
Ⅰ
-Ⅱ-Ⅲ
MAX
50
mA
VGT
MAX
1.3
V
VGD
VD=VDRM RL=3.3KΩTj=125℃
MIN
0.2
V
IH(2)
IT=100mA
MAX
50
mA
IL
IG=1.2IGT
MAX
70
mA
Ⅱ
80
Dv / Dt(2)
VD=67%VDRM Gate open Tj=125℃
MIN
1000
V/us
(Dl/dt)c(2)
(Dv/dt)c=0.1 V/us Tj=125℃
MIN
-
A/ms
(Dv/dt)c=10V/us Tj=125℃
-
Without snubber Tj=125℃
7
Ⅳ
-
Ⅰ
-Ⅱ-Ⅲ Ⅳ
-
Ⅰ
-Ⅱ-Ⅲ Ⅳ
-
Ⅰ
-Ⅱ-Ⅲ Ⅳ
-
Standard (4Quadrants)
Sy
l
Symbol
TTest co d ti
conditions
Qu
t
Quadrant
U i
Unit
IGT(1)
VD=12V RL=30Ω
Ⅰ
-Ⅱ-Ⅲ
Ⅳ
MAX
50
100
mA
VGT
ALL
MAX
1.3
V
VGD
VD=VDRM RL=3.3KΩTj=125℃
ALL
MIN
0.2
V
IH(2)
IT=500mA
MAX
50
mA
IL
IG=1.2IGT
Ⅰ
-Ⅲ- Ⅳ
MAX
50
mA
Ⅱ
100
(Dl/dt)(2)
VD=67%VDRM Gate open Tj=125℃
MIN
400
V/us
(Dl/dt)c(2)
(Dv/dt)c=3.5 A/ms Tj=125℃
MIN
10
V/us
Static Characteristics
b l
Symbol
Test co d
conditions
u
Value
Unit
VTM(2)
ITM=5A tp=380us
TJ=25℃
MAX
1.70
V
Vto(2)
Threshold voltage
TJ=125℃
MAX
0.85
V
Rd(2)
Dynamic resistance
TJ=125℃
MAX
50
mΩ
IDRM
VDRM=VRRM
TJ=25℃
MAX
5
uA
IRRM
TJ=125℃
1
mA
VDRM/VRRM
Voltage
TJ=25℃
MIN
600
V
Note 1: minimum IGT is guaranted at 5% of IGT max
Note 2: for both polarities of A2 referenced to A1
BT06F-600B
BT06F-600B
Symbol
Symbol
Par
Par
Parameter
Parameter
u
Value
Value
Unit
Unit
Rth(J-C)
Junction to case(AC)
3.0
℃
/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com