Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC1360 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC1360
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC1360 Datasheet HTML 1Page - First Silicon Co., Ltd FC1360 Datasheet HTML 2Page - First Silicon Co., Ltd FC1360 Datasheet HTML 3Page - First Silicon Co., Ltd FC1360 Datasheet HTML 4Page - First Silicon Co., Ltd FC1360 Datasheet HTML 5Page - First Silicon Co., Ltd FC1360 Datasheet HTML 6Page - First Silicon Co., Ltd FC1360 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Marking Information
SOT-89-5
Pin Assignment
Pin Function
Pin No.
Pin Name
Description
SOT-23-5
1
LX
Switching Output
2
VSS
Ground
3
ADJ
Current Adjustment
4
ISENSE
Current Sense
5
VIN
Input
SOT-89-5
Block Diagram
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
30
V
LX Output Current
ILX
1.25
A
I/O Pin Voltage
VIO
VSS-0.3 ~ VIN+0.3
V
Power Dissipation SOT-89-5
Pd
1
W
Operation Ambient Temperature
Topr
-40 ~ +125
˚C
Storage Temperature
Tstg
-55 ~ +125
˚C
FC1360
2009. 07. 10
2/7
Revision No : 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com