Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC9054 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9054
Description  0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9054 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC9054 Datasheet HTML 1Page - First Silicon Co., Ltd FC9054 Datasheet HTML 2Page - First Silicon Co., Ltd FC9054 Datasheet HTML 3Page - First Silicon Co., Ltd FC9054 Datasheet HTML 4Page - First Silicon Co., Ltd FC9054 Datasheet HTML 5Page - First Silicon Co., Ltd FC9054 Datasheet HTML 6Page - First Silicon Co., Ltd FC9054 Datasheet HTML 7Page - First Silicon Co., Ltd FC9054 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure 3: One kind of maximizing charge current thermal
regula�on circuit mode
Use the quadra�c equa�on can be obtained IBAT
IBAT VS BAT VS BAT 4R
CC
A
θJA
2RCC
Take RCC=0.25Ω , VS=5V , VBAT=3.75V , TA=25℃ , and
θJA=125℃/W,we can calculate the heat adjustment charge
current: IBAT = 708mA. The results shows that the structure
can be full scale output 800mA charging current at higher
ambient temperatures.
Although this applica�on can deliver more energy to the
ba�ery in heat regula�ng mode and shorten the charging
�me, But in voltage mode, if VCC becomes low enough
leaving FC9054 state at low voltage drop, It is actually
possible to extend the charging �me. Figure 4 shows how
the circuit becomes large as the RCC resul�ng voltage drop.
When in order to maintain a smaller component size and to
avoid voltage drop leaving the RCC values minimized, this
technology can play a role in the best. Keep in mind: you
should select a sufficient power handling capability resistor.
Figure 4: Charging current rela�onship with the RCC curve
Automatic restart
Once the charge cycle is terminated, FC9054 immediately
adopt a comparator with 1.8ms filter �me con�nuously
monitor the BAT pin voltage. When the ba�ery voltage
drops below 4.05V or less (Generally corresponding to the
ba�ery capacity from 80 to 90%), charging cycle restart.
This ensures that the battery is maintained at (or near) a
full charge state, and eliminates the periodic need to
start charging cycle. A typical charge cycle state
diagram is shown below.
Shut down mode
VDD<VUVLO(<3.6V)
VDD<VBAT
CHRG=High impedance
Precharge mode
Charge current=1/10 IBAT
CHRG=LOW
Constant current charge mode
Charge current=IBAT
CHRG=LOW
Constant voltage charge mode
Charge voltage=4.2V
CHRG=LOW
Charge end
No charge current
CHRG=High impedance
VBAT<2.9V
VBAT>2.9V
VBAT>2.9V
VBAT=4.2V
Charge current<1/10 IBAT
VBAT<4.05V
FC9054
FC9054
2019. 05. 13
7/8
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com