Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTC504 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTC504
Description  Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC504 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTC504 Datasheet HTML 1Page - First Silicon Co., Ltd DTC504 Datasheet HTML 2Page - First Silicon Co., Ltd DTC504 Datasheet HTML 3Page - First Silicon Co., Ltd DTC504 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2007. 12. 03
1/4
SEMICONDUCTOR
TECHNICAL DATA
DTC504
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
• Features
1) Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thinfilm resistors with complete isolation to allow
positive biasing of the input. They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/ off conditions need to be set for operation, making device design
easy.
• Structure
NPN digital transistor (with built-in resistors)
• Equivalent circuit
• Elecrical characteristics(Ta= 25°C)
Parameter
symbol
Min.
Max.
Unit
Conditions
Input voltage
VI(off)
V
V
mA
VCC= 5V,IO = 100µA
VI(on)
Output Voltage
t
n
e
r
r
u
c
t
u
p
n
I
I I
I
V = 5V
t
n
e
r
r
u
c
t
u
p
t
u
O
I O(off)
µA
-
VCC= 50V,VI = 0 V
DC current gain
Input resistance
KΩ
-
MHz
-
Resistance ratio
Transition frequency
*Transition frequency of the device
• Absolute maximum ratings(Ta= 25 °C)
Parameter
Supply voltage
V
50
Input voltage
–10~+40
Output current
I O
30
mA
IC(Max )
100
Power dissipation
150
Junction temperature
C
°
150
Storage temperature
–55~+150
Digital transistors (built-in resistors)
OUT
GND
R1
R2
IN
1
3
2
SC-89
Device
Marking
Shipping
DTC504
3000/Tape&Reel
• Device Marking
8C
• We declare that the material of productcompliance with
RoHS requirements.
1
2
3
symbol
limit
unit
V
j
T
stg
T
d
P
cc
V
IN
V
200
300
m
W
C
°
Typ.
O(on)
V
I
G
1
R
2 / R1
R
T
f
-
3
-
-
-
68
32.9
0.8
-
-
-
-
-
-
-
47
1
250
0.5
-
0.3
0.18
0.5
-
61.1
1.2
-
O = 0.3V,IO = 2mA
V
O/II =10mA/0.5mA
I
O= 5V,IO = 5mA
V
-
CE = 10V,IE = – 5 mA,f=100MHz*
V


Similar Part No. - DTC504

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
DTC504E FS-DTC504E Datasheet
202Kb / 3P
Digital transistors (built-in resistors)
More results

Similar Description - DTC504

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com