Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317LZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM317LZ
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LZ Datasheet(HTML) 4 Page - ON Semiconductor

  LM317LZ Datasheet HTML 1Page - ON Semiconductor LM317LZ Datasheet HTML 2Page - ON Semiconductor LM317LZ Datasheet HTML 3Page - ON Semiconductor LM317LZ Datasheet HTML 4Page - ON Semiconductor LM317LZ Datasheet HTML 5Page - ON Semiconductor LM317LZ Datasheet HTML 6Page - ON Semiconductor LM317LZ Datasheet HTML 7Page - ON Semiconductor LM317LZ Datasheet HTML 8Page - ON Semiconductor LM317LZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM317L
4
MOTOROLA ANALOG IC DEVICE DATA
* Pulse Testing Required:
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) –VO (max Load)
Load Regulation (% VO) =
VO (min Load) – VO (max Load)
X
100
VO (min Load)
VO (max Load)
LM317L
Cin
0.1
µF
Adjust
R2
1%
CO
1.0
µF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
Vin*Vin
IAdj
IL
Figure 2. Load Regulation and
∆IAdj/Load Test Circuit
VO (min Load)
Pulse Testing Required:
1% Duty Cycle is suggested.
LM317L
Vin
Vout
Adjust
R1
240
1%
+
1
µF
CO
RL
Cin
R2
1%
To Calculate R2:
Vout = ISET R2 + 1.250 V
Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
µF
Figure 3. Standard Test Circuit
LM317L
Vin
Vout
Vout = 1.25 V
RL
Cin
0.1
µF
Adjust
R1
240
1%
D1 *
1N4002
CO
+
1
µF
14.30V
4.30V
R2
1.65K
1%
**
10
µF
+
*D1 Discharges CAdj if Output is Shorted to Ground.
f = 120 Hz
VO
**CAdj provides an AC ground to the adjust pin.
Figure 4. Ripple Rejection Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com