Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMDIP1606L16T Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # AMDIP1606L16T
Description  Low Insertion Loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMDIP1606L16T Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  AMDIP1606L16T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMDIP1606L16T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMDIP1606L16T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMDIP1606L16T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMDIP1606L16T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMDIP1606L16T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Approval sheet
Page 5 of 6
ASC_AMDIP1606L16T_V01
Dec. 2017
SOLDERING CONDITION
Typical examples of soldering processes that provide reliable joints without any damage are given in Fig 2,
Fig 2. Infrared soldering profile
ORDERING CODE
AM
DIP
1606
L
16
T
Walsin
Automotive
device
Product Code
DIP : Diplexer
Dimension code
Per 2 digits of Length, Width,
Thickness :
e.g. :
1606 =
Length 16, Width 08,
Thickness 06
Application
L :2.4GHz/5GHz
Specification
Design code
Packing
T : Reeled
Minimum Ordering Quantity: 4000 pcs per reel.
PACKAGING
Paper Tape specifications (unit :mm)
Index
Ao
Bo
D
T
W
Dimension (mm)
0.975
 0.10
1.76
0.10
1.55 + 0.05
0.75
 0.10
8.0
 0.10
Index
E
F
Po
P1
P2
Dimension (mm)
1.75
 0.10
3.50
 0.05
4.00
 0.10
4.00
 0.10
2.00
 0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com