Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS3AP5XLP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # VS3AP5XLP
Description  VS3 Series Retroreflective Mode Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

VS3AP5XLP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  VS3AP5XLP Datasheet HTML 1Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 2Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 3Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 4Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Miniature self-contained sensors
VS3 Series Retroreflective Mode Sensors
VS3 Series Retroreflective Mode Sensor Features
• Extremely compact self-contained miniature sensor
• Coaxial optics eliminate “blind” area at close range
• Visible red sensing beam (both polarized and non-polarized versions)
• Range to supplied retroreflector is 0 to 250 mm (up to 10")
• 10 to 30V dc operation
• Choice of integral cable or quick-disconnect connector
• 3-wire hookup; output load capacity to 50 mA
• Choose models with NPN (sinking) or PNP (sourcing) output
• Choose dark- or light-operate models
Models
Cable
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
VS3AN5XLV
VS3AN5XLVQ
250 mm (10")
using
BRT32X20AM
retro target
(supplied)
2 m (6.5')
3-Pin Pico QD
10 to
30V dc
NPN
Light Operate
VS3 Series Retroreflective-Mode Sensors
VS3RN5XLV
VS3RN5XLVQ
2 m (6.5')
3-Pin Pico QD
NPN
Dark Operate
VS3AP5XLV
VS3AP5XLVQ
2 m (6.5')
3-Pin Pico QD
PNP
Light Operate
VS3RP5XLV
VS3RP5XLVQ
2 m (6.5')
3-Pin Pico QD
PNP
Dark Operate
Polarized Models
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1 mm
0.04 in
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
VS3XLP
Polarized
Retroreflective
Mode
with BRT32X20AM
Reflector
250 mm
10.0 in
200 mm
8.0 in
150 mm
6.0 in
100 mm
4.0 in
50 mm
2.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.20 in
0.40 in
0.60 in
0.20 in
0.40 in
0.60 in
DISTANCE
VS3XLP
Retroreflective
Mode
with BRT32X20AM
Reflector
VS3RN5XLP
VS3RN5XLPQ
2 m (6.5')
3-Pin Pico QD
NPN
Dark Operate
VS3AP5XLP
VS3AP5XLPQ
2 m (6.5')
3-Pin Pico QD
PNP
Light Operate
VS3RP5XLP
VS3RP5XLPQ
2 m (6.5')
3-Pin Pico QD
PNP
Dark Operate
See Safety Use Warning on Back Page.
Non-Polarized Models
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1 mm
0.04 in
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
VS3XLV
Retroreflective Mode
with BRT32X20AM
Reflector
250 mm
10.0 in
200 mm
8.0 in
150 mm
6.0 in
100 mm
4.0 in
50 mm
2.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.20 in
0.40 in
0.60 in
0.20 in
0.40 in
0.60 in
DISTANCE
VS3XLV
Retroreflective
Mode
with BRT32X20AM
Reflector
VS3AN5XLP
VS3AN5XLPQ
2 m (6.5')
3-Pin Pico QD
NPN
Light Operate
250 mm (10")
using
BRT32X20AM
retro target
(supplied)
10 to
30V dc
Printed in USA
07/02
P/N 63226 rev. A
User Application Notes:
• The VS3...XLP series should be used for general sensing applications like packages, small parts, mirror-like surfaces,
or documents. They are most effective when used with the supplied micro-prism reflector.
• When using glass bead tape, (e.g., 3M model 6870), non-polarized models (...XLV) must be used. These models should
also be considered when a glass lens (as in the LP models) is not permitted in the sensing environment.
• For non-polarized sensors, an object’s surface reflection (e.g., polished stainless steel), may be more reflective than
low-grade retro-reflective tape, and “bright” object transition may never be detected by the non-polarized sensor.
P
Visible Red, 680 nm
p/n 63226 Rev. B
Jan 2013


Similar Part No. - VS3AP5XLP

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
VS3 APEX-ELECTRONICS-VS3 Datasheet
852Kb / 8P
Rocker Switch, multiple contact arrangement
VS3 APEX-ELECTRONICS-VS3 Datasheet
1Mb / 12P
Rocker Switch, multiple contact arrangement
logo
Astec America, Inc
VS3-B2-G23-G32-10 ASTEC-VS3-B2-G23-G32-10 Datasheet
2Mb / 8P
1000 - 2500 Watts
logo
Emerson Network Power
VS3-B2-G23-G32-10 EMERSON-NETWORKPOWER-VS3-B2-G23-G32-10 Datasheet
346Kb / 8P
VS Series
logo
Astec America, Inc
VS3-C2-G33-00 ASTEC-VS3-C2-G33-00 Datasheet
2Mb / 8P
1000 - 2500 Watts
More results

Similar Description - VS3AP5XLP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45BB6LL BANNER-Q45BB6LL Datasheet
2Mb / 8P
Q45BB6LL Laser Diode Retroreflective Sensors
logo
Pepperl+Fuchs Inc.
OBG4000-R103-2EP-IO PF-OBG4000-R103-2EP-IO Datasheet
382Kb / 4P
Retroreflective sensor
OBG5000-R100-EP-IO-V3 PF-OBG5000-R100-EP-IO-V3 Datasheet
417Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO PF-OBG5000-R101-2EP1-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO-V31 PF-OBG5000-R101-2EP1-IO-V31 Datasheet
445Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP-IO PF-OBG5000-R101-2EP-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2P1-IO-V31 PF-OBG5000-R101-2P1-IO-V31 Datasheet
381Kb / 3P
Retroreflective sensor
OBR10M-R101-2EP-IO-1R-IR PF-OBR10M-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
Retroreflective sensor
OBG8000-R201-2EP-IO-V15 PF-OBG8000-R201-2EP-IO-V15 Datasheet
437Kb / 4P
Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
Retroreflective sensor
2023-03-28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com