Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM340 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340 Datasheet(HTML) 1 Page - ON Semiconductor

  LM340 Datasheet HTML 1Page - ON Semiconductor LM340 Datasheet HTML 2Page - ON Semiconductor LM340 Datasheet HTML 3Page - ON Semiconductor LM340 Datasheet HTML 4Page - ON Semiconductor LM340 Datasheet HTML 5Page - ON Semiconductor LM340 Datasheet HTML 6Page - ON Semiconductor LM340 Datasheet HTML 7Page - ON Semiconductor LM340 Datasheet HTML 8Page - ON Semiconductor LM340 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM340, A
Series
SEMICONDUCTOR
TECHNICAL DATA
THREE–TERMINAL
POSITIVE FIXED
VOLTAGE REGULATORS
Order this document by LM340/D
Pin 1. Input
2. Ground
3. Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface is connected to Pin 2.
3
1
2
Simplified Application
A common ground is required between the input and
the output voltages. The input voltage must remain
typically 1.7 V above the output voltage even during
the low point on the input ripple voltage.
XX these two digits of the type number indicate
voltage.
*Cin is required if regulator is located an
appreciable distance from power supply filter.
** CO is not needed for stability; however, it does
improve transient response. If needed, use a
0.1
µF ceramic disc.
LM340–XX
Input
Cin*
0.33
µF
CO**
Output
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Positive
Fixed Voltage Regulators
This family of fixed voltage regulators are monolithic integrated circuits
capable of driving loads in excess of 1.0 A. These three–terminal regulators
employ internal current limiting, thermal shutdown, and safe–area
compensation. Devices are available with improved specifications, including
a 2% output voltage tolerance, on A–suffix 5.0, 12 and 15 V device types.
Although designed primarily as a fixed voltage regulator, these devices
can be used with external components to obtain adjustable voltages and
currents. This series of devices can be used with a series–pass transistor to
boost output current capability at the nominal output voltage.
• Output Current in Excess of 1.0 A
• No External Components Required
• Output Voltage Offered in 2% and 4% Tolerance*
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
ORDERING INFORMATION
Device
Output Voltage
and Tolerance
Operating
Temperature Range
Package
LM340T–5.0
5.0 V
± 4%
T
0
12
C
Pl
i P
LM340AT–5.0
5.0 V
± 2%
T
0
12
C
Pl
i P
LM340T–6.0
6.0 V
± 4%
T
0
12
C
Pl
i P
LM340T–8.0
8.0 V
± 4%
T
0
12
C
Pl
i P
LM340T–12
12 V
± 4%
TJ =0° to +125°C
Plastic Power
LM340AT–12
12 V
± 2%
TJ = 0° to +125°C
Plastic Power
LM340T–15
15 V
± 4%
LM340AT–15
15 V
± 2%
LM340T–18
18 V
± 4%
LM340T–24
24 V
± 4%
* 2% regulators are available in 5, 12 and 15 V devices.
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Texas Instruments
LM340 TI1-LM340 Datasheet
3Mb / 33P
1.5-A Fixed Voltage Regulators
More results

Similar Description - LM340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com