Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSD205AC3 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KSD205AC3
Description  SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KSD205AC3 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KSD205AC3 Datasheet HTML 1Page - COSMO  Electronics Corporation KSD205AC3 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
28
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input
Pick-up Voltage
Vpu
It=1Arms
4
VDC
Input current
Iin
Vin=5-12V
5
25
mA
On-state Voltage
VT
IT=1Arms
1.5
Vrms
Operating Current
Iop
Vout=240Vrms
50
Leakage Current
I leak
Vout=240Vrms
7
Critical rate of rise of off-state Voltage
dv/dt
See Note 1
50
200
Zero-cross Voltage
Yes
Load Voltage Rating
Vout
IT=50mArms MIN
50
280
VAC
Minimum trigger current
IFT
VDRM=600V
10
mA
Isolation resistance input to output
RISO
DC500V
10
10
Turn-on time
Ton
60Hz AC
8.3
mS
Turn-off time
Toff
60Hz AC
8.3
mS
Thermal resistance (between junction and case)
Rth (j-C) I
1.3
KSD205AC3
Solid State Relay
Outside Dimension : Unit (mm)
Schematic : Top View
Features
1. Molded epoxy body.
2. Zero crossing circuit.
3. High input/output insulation.
4. Small size and light weight.
5. Can be installed directly on the PC board.
6. Fast reactive speed.
7. Normally open.
Applications
1. Household Appliances.
2. Temperature Control System.
3. Industrial Automatic Control.
4. Lighting System.
5. Office Appliances.
6. Factory Appliances.
Parameter
Symbol
Rating
Unit
Input
Input Signal Voltage
VIN
5~12
VDC
Drop-out Voltage
Vdo
1
VDC
RMS on-state current
IT
5
Arms
Peak one cycle surge current (8.3 ms)
Isurge
50
A
Repetitive peak-off state Voltage
VDRM
600
V
Operating frequency
f
47~70
Hz
Critical rate of rise of on-state current
di/dt
50
Load supply voltage
Vout
250
Vrms AC
Isolation Voltage input to output
Viso
4000
Vrms
Operating Temperature
Topr
-30~100
Storage Temperature
Tstg
-30~125
Soldering Temperature 10 Sec
Tsol
260
Output
(Ta=25
°C)
(Ta=25
°C)
A/
μS
V/
μS
Output
mArms
mArms
Note1:Output (dv/dt) protection is provided in all models, and they are designed to switch resistive or inductive loads to 0.2 power factor. The dv/dt rating is based on source impedance of 50 ohms.


Similar Part No. - KSD205AC3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
PRODUCT SPECIFICATION
More results

Similar Description - KSD205AC3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com