Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

824-00451R Datasheet(PDF) 4 Page - E&E Magnetic Products Limited

Part # 824-00451R
Description  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-00451R Datasheet(HTML) 4 Page - E&E Magnetic Products Limited

  824-00451R Datasheet HTML 1Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 2Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 3Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 4Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 5Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 6Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 7Page - E&E Magnetic Products Limited 824-00451R Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Notes:
3. Dimensions are specified in
with higher precedence in inches.
inches
mm
4. Unless otherwise specified, all tolerance are.
± .
0.25
010
5. Coplanarity:
max.
.004
0.10
6. "(DATE)" includes at least the manufacturing date code(in YYWW format) plus two character country code.
7. When ordering, please add suffix “T” to the part number for tape& reel packaging (330mm reel).
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00387R
4-0387R
(Date)
REFERENCE OR
GAUGE PLANE
.429 .010
10.90 0.25
±
±
.039 .010
0.99 0.25
±
±
.004-.020
0.10-0.51
0-8°
.190
4.83
MAX
.016 .005
0.41 0.13
±
±
.560
14.22
MAX
.530
13.46
.429
10.90
.025
0.64
.039
0.99
.080
2.03
Recommended
Pad Layout
EE
.040 .010
1.02
±
±0.25
.495 .010
12.57 0.25
±
±
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00459F
SCHEMATICS
MD
ECHANICAL
IMENSIONS
824-00401F
REFERENCE OR
GAUGE PLANE
.550 .010
13.97 0.25
±
±
.050 .010
1.27 0.25
±
±
0-8°
.085
2.16
MAX
.020 .005
0.51 0.13
±
±
.655
16.64 MAX
.380
9.65
.550
13.97
.025
0.64
.050
1.27
.050
1.27
Recommended
Pad Layout
.380
9.65 MAX
4-0401F
(Date)
EE
REFERENCE OR
GAUGE PLANE
.433 .010
11.00 0.25
±
±
.039 .010
1.00 0.25
±
±
.002
0.05
.168
4.26
MAX
.016 .005
0.40 0.13
±
±
.605
15.37 MAX
.394
10.00
±
±
.010
0.25
.039
1.00
MIN
TYP
.424
10.77
.433
11.00
.025
0.64
.039
1.00
.070
1.78
Recommended
Pad Layout
(Date)
EE 4-0459F
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com