Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10P1002FTLJ Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P1002FTLJ
Description  Automotive grade AEC Q-200 compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P1002FTLJ Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P1002FTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P1002FTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Approval sheet
Page 7 of 8
ASC_WFxxP_J_V03
DEC 2016
TEST AND REQUIREMENTS
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp heat,
long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
Electrical Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural resistance change per change in degree
centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C)
t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Within the specified tolerance
Refer to “QUICK REFERENCE
DATA”
Resistance to soldering
heat(R.S.H)
MIL-STD-202
method 210
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at
270℃±5ºC
∆R/R max. ±(1.0%+0.05Ω)
no visible damage
Solderability
J-STD-002
a) Bake the sample for 155℃ dwell time 4hrs/ solder
dipping 235℃/ 5sec.
b) Steam the sample dwell time 8 hour/ solder dipping 215
℃/ 5sec.
c) Steam the sample dwell time 8 hour/ solder dipping 260
℃/ 7sec.
95%
coverage
min.,
good
tinning and no visible damage
Temperature cycling
JESD22
Method JA-104
1000 cycles, -55℃
~ +155℃, dwell
time 30min
maximum.
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
Moisture Resistance
MIL-STD-202
method 106
65
±2°C, 80~100% RH, 10 cycles, 24 hours/ cycle
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
Bias Humidity
MIL-STD-202
method 103
1000+48/-0 hours; 85
°C, 85% RH, 10% of operation
power
∆R/R max. ±(2.0%+0.10Ω)
No visible damage
Operational Life
MIL-STD-202
method
108
1000+48/-0 hours; 35% of
operation power, 125
±2°C
∆R/R max. ±(2.0%+0.1Ω)
No visible damage
High Temperature Exposure
MIL-STD-202
Method 108
1000+48/-0 hours; without load
in
a temperature
chamber controlled 155
±3°C
∆R/R max. ±(2.0%+0.10Ω)
No visible damage
Board Flex
AEC-Q200-005
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4),bending once 2mm for 60sec.
∆R/R max. ±(1.0%+0.05Ω)
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com