Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WQCF2012 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQCF2012
Description  COMMON MODE CHOKE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQCF2012 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WQCF2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQCF2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQCF2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQCF2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQCF2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQCF2012 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
WQCF2012 Series_V1.0_Auto
Oct. Y2017
Electrical Characteristics
WQCF2012
Series
Z (OHM)
@100MHz
±
±±
±20%
DCR
MAX. ( )
RATE
CURRENT
(mA)
Cut-off
Frequency
(GHz) TYP.
Rated
Voltage
(Vdc)
Withstand
Voltage
(Vdc)
Insulation
Resistance
@125VDC
(MOHM)
MIN.
WQCF2012Z0M670PB
67
0.25
400
WQCF2012Z0M750PB
75
0.30
400
WQCF2012Z0M900PB
90
0.35
330
WQCF2012Z0M101PB
100
0.35
330
WQCF2012Z0M121PB
120
0.30
370
WQCF2012Z0M161PB
160
0.35
350
WQCF2012Z0M181PB
180
0.35
330
WQCF2012Z0M201PB
200
0.40
300
WQCF2012Z0M221PB
220
0.40
300
WQCF2012Z0M261PB
260
0.40
300
WQCF2012Z0M361PB
360
0.50
300
WQCF2012Z0M371PB
370
0.45
280
WQCF2012Z0M431PB
430
0.55
280
WQCF2012Z0M601PB
600
0.60
240
WQCF2012Z0M751PB
750
0.90
220
1.0
50
125
10
TEST INSTRUMENT
Z Test by Agilent4291B+16197A
DCR Test by Zentech502BC
Insulation Resistance Test by Agilent 4338B
OPERATING TEMPERATURE RANGE: -40℃
℃
℃
℃ ~ +125℃
℃
℃
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com