Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL640H55EE Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29DL640H55EE
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H55EE Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29DL640H55EE Datasheet HTML 1Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 2Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 3Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 4Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 5Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 6Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 7Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 8Page - Advanced Micro Devices AM29DL640H55EE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Publication# 27082
Rev: A Amendment/6
Issue Date: February 9, 2005
Refer to AMD’s Website (www.amd.com) for the latest information.
For new designs, S29JL064H supersedes Am29DL640H and is the factory-recommended migration path for this
device. Please refer to the S29JL064H Datasheet for specifications and ordering information.
Am29DL640H
64 Megabit (8 M x 8-Bit/4 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
■ Flexible BankTM architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
■ Boot Sectors
— Top and bottom boot sectors in the same device
— Any combination of sectors can be erased
■ Manufactured on 0.13 µm process technology
■ Secured Silicon Sector: Extra 256 Byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: One-time programmable only.
Once locked, data cannot be changed
■ Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero.
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PACKAGE OPTIONS
■ 63-ball Fine Pitch BGA
■ 48-pin TSOP
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast as 55 ns
— Program time: 4 µs/word typical using accelerated
programming function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million erase cycles guaranteed per
sector
■ 20 year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
— Suspends erase operations to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation.
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
■ WP#/ACC input pin
— Write protect (WP#) function protects sectors 0, 1,
140, and 141, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method to prevent any program or erase
operation within a sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com