Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF04T2200CTLS Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04T2200CTLS
Description  Low resistance with superior pulse withstand ability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04T2200CTLS Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF04T2200CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION WF04T2200CTLS Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Approval Sheet
Page 8 of 11
ASC_WFxxS V01
Aug - 2018
TEST AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENT
Resistor
DC resistance
IEC60115-1 4.5.1
DC resistance values measured
Within the specified tolerance
Temperature
Coefficient of
Resistance(T.C.R)
IEC 60115-1 4.8.4.1
Natural resistance change per change in degree
centigrade.
6
1
2
1
1
2
10
t
t
R
R
R
(ppm/
C)
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
t1 : 20°C+5°C-1°C
t2 : 125°C+5°C-1°C
Refer to
“ QUICK REFERENCE DATA “
Short time overload
(S.T.O.L)
IEC60115-1 4.13
Permanent resistance change after a 5second
application of a voltage 2.5 times RCWV or the
maximum overload voltage specified in the above
list, whichever is less.
Measure test conclusion after 30mins
R/R max. ±(0.5%+0.05)
Resistance to soldering
heat(R.S.H)
IEC 60115-1 4.18
Un-mounted
chips
completely
immersed
for
10±1second in a SAC solder bath at 260℃±5ºC
no visible damage
 R/R max. ±(0.2%+0.05)
Solderability
IEC 60115-1 4.17
1.Un-mounted chips completely immersed for 5
seconds in a SAC solder bath at 245℃±5℃
good tinning (>95% covered)
no visible damage
Temperature cycling
IEC 60115-1 4.19
30 minutes at -55
C3C, 2~3 minutes at 20°C+5°C-
1°C, 30 minutes at +155
C3C, 2~3 minutes at
20°C+5°C-1°C, total 5 continuous cycles
no visible damage
R/R max. (0.5%+0.05)
Load life (endurance)
IEC 60115-1 4.25.1
70±2ºC,
1000
hours,
loaded
with
RCWV
or
Vmax,1.5 hours on and 0.5 hours off
R/R max. (0.5%+0.05)
Load life in Humidity
IEC 60115-1 4.24.2
1000 hours, at rated continuous working voltage in
humidity
chamber
controller
at
40
C2C and
90~95% relative humidity, 1.5hours on and 0.5 hours
off
R/R max. (0.5%+0.05)
Bending strength
IEC 60115-1 4.33
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4); bending : 3 mm, once for 10 seconds.
R/R max. ±(0.1%+0.05)
Adhesion
IEC 60115-1 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of
the terminations.
Insulation Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for
1minute
R≧10GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1
minute
No breakdown or flashover
Flower of Sulfur
ASTM-B-809-95
Sulfur 480 hours, 60°C, unpowered
R/R max. ±(1%+0.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com