Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5859 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5859
Description  TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5859 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5859 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5859
2004-5-18
1
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5859
HORIZONTAL DEFLECTION OUTPUT FOR
HDTV, DIGITAL TV, PROJECTION TV
High Voltage
: VCBO = 1700 V
Low Saturation Voltage
: VCE (sat) = 3 V (max)
High Speed
: tf(2) = 0.1 µs (Typ.)
MAXIMUM RATINGS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Base Voltage
VCBO
1700
V
Collector−Emitter Voltage
VCEO
750
V
Emitter−Base Voltage
VEBO
5
V
DC
IC
23
Collector Current
Pulse
ICP
46
A
Base Current
IB
11.5
A
Collector Power Dissipation
PC
210
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Collector Cut−off Current
ICBO
VCB = 1700 V, IE = 0
―
―
1
mA
Emitter Cut−off Current
IEBO
VEB = 5 V, IC = 0
―
―
100
µA
Collector − Emitter Breakdown Voltage
V (BR) CEO IC = 10 mA, IB = 0
750
―
―
V
hFE (1)
VCE = 5 V, IC = 2 A
20
―
55
hFE (2)
VCE = 5 V, IC = 8 A
10
―
22
DC Current Gain
hFE (3)
VCE = 5 V, IC = 18 A
4.5
―
8
―
Collector−Emitter Saturation Voltage
VCE (sat)
IC = 18 A, IB = 4.5 A
―
―
3
V
Base−Emitter Saturation Voltage
VBE (sat)
IC = 18 A, IB = 4.5 A
―
1.0
1.5
V
Transition Frequency
fT
VCE = 10 V, IC = 0.1 A
―
2
―
MHz
Collector Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
320
―
pF
Storage Time
tstg(1)
―
4
―
Fall Time
tf(1)
ICP = 8 A , IB1 (end) = 1 A
fH = 32 kHz
―
0.15
―
µs
Storage Time
tstg(2)
―
1.8
―
Switching Time
Fall Time
tf(2)
ICP = 7.5 A, IB1 (end) = 1 A
fH = 100 kHz
―
0.1
―
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-21F2A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC5859

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5850 RENESAS-2SC5850 Datasheet
85Kb / 6P
Silicon NPN Epitaxial
2SC5851 RENESAS-2SC5851 Datasheet
96Kb / 7P
Silicon NPN Epitaxial
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
Toshiba Semiconductor
2SC5855 TOSHIBA-2SC5855 Datasheet
194Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
logo
Inchange Semiconductor ...
2SC5855 ISC-2SC5855 Datasheet
285Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5859

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
Transistor Silicon NPN Triple Diffused Mesa Type
20-Jul-1999
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
05-Nov-2001
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
GE13007 GTM-GE13007 Datasheet
304Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com