Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

106414 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 106414
Description  PLD E 608 W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106414 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  106414 Datasheet HTML 1Page - PHOENIX CONTACT 106414 Datasheet HTML 2Page - PHOENIX CONTACT 106414 Datasheet HTML 3Page - PHOENIX CONTACT 106414 Datasheet HTML 4Page - PHOENIX CONTACT 106414 Datasheet HTML 5Page - PHOENIX CONTACT 106414 Datasheet HTML 6Page - PHOENIX CONTACT 106414 Datasheet HTML 7Page - PHOENIX CONTACT 106414 Datasheet HTML 8Page - PHOENIX CONTACT 106414 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PLD E 608 W ...
106414_en_05
PHOENIX CONTACT
4 / 9
Accessories (PLD E 608 W 315/E)
Type
Order No.
Pcs./Pkt.
Power cable, 3-position, PVC, orange RAL 2004, free cable end, on Socket
straight, black, Cable length: 3 m
PLD E 608-CA-3,0/FS AM
2702302
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 0.6 m
PLD E 608-CA-MS/0,6/FS AM
2702303
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 1 m
PLD E 608-CA-MS/1,0/FS AM
2702304
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 4 m
PLD E 608-CA-MS/4,0/FS AM
2702305
1
Connector for series connection, black, 3-pos.
PLD E 608-CO-MS
2702308
5
Socket for power supply and series connection, black, 3-pos.
PLD E 608-CO-FS
2702309
5
T-distributor with 2 sockets and one connector for series connection, black,
3-pos.
PLD E 608-CO-MS/FS/FR
2702310
5
Set for magnetic mounting of class 600 PLD enclosure lights
PLD E 608-ME MM
2702315
1
Set for screw mounting of class 600 PLD enclosure lights, including screws
PLD E 608-ME SM
2702316
1
Set consisting of two mounting carriages with snap-in hooks for class 600
PLD enclosure lights (replacement part)
PLD E 608-ME SFM
2702317
1
Accessories (PLD E 608 W 265)
Type
Order No.
Pcs./Pkt.
Power cable, 3-position, PVC, orange RAL 2004, free cable end, on Socket
straight, black, Cable length: 3 m
PLD E 608-CA-3,0/FS AM
2702302
1
Power cable, 3-position, PVC, gray RAL 7001, free cable end, on Socket
straight, black, Cable length: 3 m
PLD E 608-CA-3,0/FS/UL
2702306
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 0.6 m
PLD E 608-CA-MS/0,6/FS AM
2702303
1
Power cable, 3-position, PVC, gray RAL 7001, Plug straight, black, on
Socket straight, black, Cable length: 0.6 m
PLD E 608-CA-MS/0,6/FS/UL
2702307
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 1 m
PLD E 608-CA-MS/1,0/FS AM
2702304
1
Power cable, 3-position, PVC, orange RAL 2004, Plug straight, black, on
Socket straight, black, Cable length: 4 m
PLD E 608-CA-MS/4,0/FS AM
2702305
1
Connector for series connection, black, 3-pos.
PLD E 608-CO-MS
2702308
5
Socket for power supply and series connection, black, 3-pos.
PLD E 608-CO-FS
2702309
5
T-distributor with 2 sockets and one connector for series connection, black,
3-pos.
PLD E 608-CO-MS/FS/FR
2702310
5
Set for magnetic mounting of class 600 PLD enclosure lights
PLD E 608-ME MM
2702315
1
Set for screw mounting of class 600 PLD enclosure lights, including screws
PLD E 608-ME SM
2702316
1
Set consisting of two mounting carriages with snap-in hooks for class 600
PLD enclosure lights (replacement part)
PLD E 608-ME SFM
2702317
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com