Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RS431 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # RS431
Description  Adjustable Precision Shunt Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS431 Datasheet(HTML) 3 Page - Princeton Technology Corp

  RS431 Datasheet HTML 1Page - Princeton Technology Corp RS431 Datasheet HTML 2Page - Princeton Technology Corp RS431 Datasheet HTML 3Page - Princeton Technology Corp RS431 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS431
V1.0
3
December 2012
ORDER INFORMATION
Device
Device Code
RS431 X YY Z
X is Reference voltage precision designator:
A: 2.5V±0.4%
B: 2.5V±0.8%
YY is package designator:
A: TO-92 (Straight lead option)
AT: TO-92 (Formed lead option)
N: SOT-23
Z is Lead Free designator:
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package
G: Green (Halogen Free with Commercial Standard)
PIN ASSIGNMENTS
SOT-23
TO-92
(STRAIGHT LEAD OPTION)
TO-92
(FORMED LEAD OPTION)
PIN DESCRIPTION
Package
Pin No.
Description
SOT-23
1
Reference
2
Cathode
3
Anode
TO-92
1
Reference
2
Anode
3
Cathode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com