Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFASWK694CTF09 Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWK694CTF09
Description  Any 2G/3G/4G Band for TRx System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWK694CTF09 Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWK694CTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWK694CTF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Approval Sheet
Page 8 of 9
ASC_RFASWK694CTF09_V03
May. 2018
Ordering code
RF
ASW
K
694C
T
RF module
RF:
Walsin RF Switch
Device
Module type
ASW: Antenna Switch
Application
K: SP4T
Design Code
Packing
T: Taping
Minimum Ordering Quantity: 3000 pcs per reel.
Packaging
Ao
Po
P2
P1
D
T
Plastic Tape specifications (unit :mm)
Index
Ao
Bo
D
T
W
Dimension (mm)
1.30
 0.05
1.70
 0.05
1.55
 0.05
0.60
 0.05
8.0
 0.20
Index
E
F
Po
P1
P2
Dimension (mm)
1.75
 0.10
3.50
 0.05
4.00
 0.05
4.00
 0.05
2.00
 0.05
Reel dimensions
A
B
C
Taping Quantity : 3
000 pieces per 7” reel
Index
A
B
C
Dimension (mm)
Φ178.0
Φ54.0
Φ13.2
∅



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com