Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02IPR005DTL Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02IPR005DTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02IPR005DTL Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02IPR005DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
TEST
PROCEDURE
REQUIREMENT
Resistor
DC resistance
IEC 60115-1 / JIS
C 5201-1 , Clause
4.5
D: ±0.5%,F: ±1%, G: ±5%
Within the specified tolerance
Temperature
Coefficient of
Resistance(T.C.R)
Natural resistance change per change in degree
centigrade.
(ppm/
C)
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
t1 : 20°C+5°C-1°C
t2 : 125°C+5°C-1°C
Refer to
“ QUICK REFERENCE DATA “
Short time overload
(S.T.O.L)
IEC60115-1 4.13
5 times of rated power for 5 seconds at room temperature No visible damage
±(1.0%+0.0005Ω)
Resistance to
soldering
heat(R.S.H)
MIL-STD-202G-
method 210F
IEC 60115-1 4.18
Condition B, no pre-heat of samples
Leadfree solder, 260 °C, 10 seconds immersion time
Procedure 2 for SMD: devices fluxed and cleaned with
isopropanol
No visible damage
±(0.5%+0.0005Ω)
Solderability
IPC/JEDEC
J-STD-002B test B
SMD conditions:
1st step: method B, aging 4 hours at 155 °C dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
good tinning (>95% covered)
no visible damage
Thermal Shock
MIL-STD-202G-
method 107
-55/+125 °C
Note: Number of cycles required is 300. Devices mounted
Maximum transfer time is 20 seconds. Dwell time is 15
minutes. Air – Air
±(1.0%+0.0005Ω)
Endurance
MIL-STD-202G-
method 108
IEC 60115-1 4.25.1
70±2ºC, 1000 hours, loaded with RCWV,,1.5 hours on
and 0.5 hours off
±(1.0%+0.0005Ω)
Bias Humidity
MIL-STD-202
Method 103
1,000 hours at 85ºC/85%R.H. 10% of operating power,
no condensation on the devices, circulating air.
±(1.0%+0.0005Ω)
Bending Strength
IEC60115-1 4.33
Device mounted on PCB test board as described, only 1
board bending required
Bending for
0201: 3mm
0402 and above: 2mm
Holding time: minimum 60 seconds
±(1.0%+0.0005Ω)
High Temperature
Exposure
MIL-STD-202G-
method 108
IEC 60115-1 4.25.3
1,000
hours
at
maximum
operating
temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances:
0201/0402 125± 3
0603 and above 170± 3
±(1.0%+0.0005Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com