Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS18LV02565AIR55 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CS18LV02565AIR55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565AIR55 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565AIR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565AIR55 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
9
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
READ CYCLE2 (1,3,4)
READ CYCLE3 (1,4)
t
AA
t
OH
t
RC
ADDRESS
t
CE
t
CLZ
(5)
t
CHZ
(5)
CE
D
OUT
OE
t
OHZ
(1,5)
t
OE
t
OLZ
NOTES:
1. /WE is high in read Cycle.
2. Device is continuously selected when /CE = VIL.
3. Address valid prior to or coincident with CE transition low.
4. /OE = VIL.
5. Test conditions assume signal transition times of 5ns or less, timing reference levels of 0.5VCC, input
pulse levels of 0V to VCC and output loading specified in Figure 1A.
6. Transition is measured ±500mV from steady state with CL = 5pF as shown in Figure 1B. The parameter is
guaranteed but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com