Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C33128PFS32A Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS32A
Description  3.3V 128K X 32/36 pipeline burst synchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS32A Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS7C33128PFS32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33128PFS32A Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
®
AS7C33128PFS32A
AS7C33128PFS36A
© Copyright Alliance Sem iconductor Corporation. All rights reserved. Our three-point logo, our nam e and Intelliwatt are tradem arks or registered tradem arks of Alliance. All other brand and
product nam es m ay be the tradem arks of their respective com panies. Alliance reserves the right to m ake changes to this docum ent and its products at any tim e without notice. Alliance assum es no
responsibility for any errors that m ay appear in this docum ent. The data contained herein represents Alliance’s best data and/or estim ates at the tim e of issuance. Alliance reserves the right to
change or correct this data at any tim e, without notice. If the product described herein is under developm ent, significant changes to these specifications are possible. The inform ation in this
product data sheet is intended to be general descriptive inform ation for potential custom ers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
custom er. Alliance does not assum e any responsibility or liability arising out of the application or use of any product described herein, and disclaim s any express or im plied warranties related to
the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, m erchantability, or infringem ent of any intellectual property rights, except as
express agreed to in Alliance’s Term s and Conditions of Sale (which are available from Alliance). All sales of Alliance products are m ade exclusively according to Alliance’s Term s and
Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, m ask works rights, tradem arks, or any other intellectual property rights
of Alliance or third parties. Alliance does not authorize its products for use as critical com ponents in life-supporting systems where a m alfunction or failure m ay reasonably be expected to result
in significant injury to the user, and the inclusion of Alliance products in such life-supporting system s im plies that the m anufacturer assum es all risk of such use and agrees to indem nify Alliance
against all claim s arising from such use.
3/4/02; v.1.4
Alliance Semiconductor
P. 13 of 13
1.Alliance Semiconductor SRAM prefix
2.Operating voltage: 33=3.3V
3.Organization: 128=128K
4.Pipeline-Flowthrough (each device works in both modes)
5.Deselect: S=Single cycle deselect
6.Organization: 32=x32; 36=x36
7.Production version: A=first production version
8.Clock speed (MHz)
9.Package type: TQ=TQFP
10.Operating temperature: C=Commercial (0
° C to 70° C); I=Industrial (-40° C to 85° C)
Ordering information
Package
Width
–200 MHz
–183 MHz
–166 MHz
–133 MHz
–100 MHz
TQFP
x32
AS7C33128PFS32A-
200TQC
AS7C33128PFS32A-
183TQC
AS7C33128PFS32A-
166TQC
AS7C33128PFS32A-
133TQC
AS7C33128PFS32A-
100TQC
TQFP
x32
AS7C33128PFS32A-
200TQI
AS7C33128PFS32A-
183TQI
AS7C33128PFS32A-
166TQI
AS7C33128PFS32A-
133TQI
AS7C33128PFS32A-
100TQI
TQFP
x36
AS7C33128PFS36A-
200TQC
AS7C33128PFS36A-
183TQC
AS7C33128PFS36A-
166TQC
AS7C33128PFS36A-
133TQC
AS7C33128PFS36A-
100TQC
TQFP
x36
AS7C33128PFS36A-
200TQI
AS7C33128PFS36A-
183TQI
AS7C33128PFS36A-
166TQI
AS7C33128PFS36A-
133TQI
AS7C33128PFS36A-
100TQI
Part numbering guide
AS7C
33
128
PF
S
32/36
A
–XXX
TQ
C/I
1
23
4
5
6789
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com