Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02KPR005FTL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02KPR005FTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02KPR005FTL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02KPR005FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02KPR005FTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DERATING
The power that the resistor can dissipate depends on the operating temperature; see Fig.1&Fig2
0201/0402 Range: -55°C to +125°C (Fig.1)
0603 to 2512 Range: -55°C to +170°C (Fig.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com