Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFDIP1608071TPT Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608071TPT
Description  For 1710 ~ 1880 MHz & 2500 ~ 2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608071TPT Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608071TPT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608071TPT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
ASC_RFDIP1608070TPT_V01
Mar. 2016
Temperature cycle
JIS C 0025
1.
30
3 minutes at -40C3C,
2.
10~15 minutes at room temperature,
3.
30
3 minutes at +85C3C,
4.
10~15 minutes at room temperature,
Total 100 continuous cycles
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics
under the operational temperature range
within -40 ~ 85°C.
High temperature
JIS C 0021
*Temperature:85
C2C
*Test duration:1000+24/-0 hours
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Humidity
(steady conditions)
JIS C 0022
*Humidity:90% to 95% R.H.
*Temperature:40
2C
*Time:1000+24/-0 hrs.
Measurement to be made after keeping at
room temperature for 24
2 hrs
※ 500hrs measuring the first data then
1000hrs data
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Low temperature
JIS C 0020
*Temperature:-40
C2C
*Test duration:1000+24/-0 hours
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com