Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFDIP2012071G57N2T Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012071G57N2T
Description  GSM / LTE Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012071G57N2T Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012071G57N2T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012071G57N2T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_RFDIP2012070G57N2T_V02
Jul.2015
RELIABILITY TEST
Test item
Test condition / Test method
Specification
Solderability
JIS C 0050-4.6
JESD22-B102D
*Solder bath temperature:235
± 5°C
*Immersion time:2
± 0.5 sec
Solder:Sn3Ag0.5Cu for lead-free
At least 95% of a surface of each terminal
electrode must be covered by fresh solder.
Leaching
(Resistance to
dissolution of
metallization)
IEC 60068-2-58
*Solder bath temperature:260
± 5°C
*Leaching immersion time:30
± 0.5 sec
Solder : SN63A
Loss of metallization on the edges of each
electrode shall not exceed 25%.
Resistance to soldering
heat
JIS C 0050-5.4
*Preheating temperature:120~150℃,
1 minute.
*Solder temperature:270
±5°C
*Immersion time:10
±1 sec
Solder:Sn3Ag0.5Cu for lead-free
Measurement to be made after keeping at
room temperature for 24
±2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Loss of metallization on the edges of each
electrode shall not exceed 25%.
Drop Test
JIS C 0044
Customer’s specification.
*Height:75 cm
*Test Surface:Rigid surface of concrete or
steel.
*Times:6 surfaces for each units;2 times
for each side.
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Vibration
JIS C 0040
*Frequency:10Hz~55Hz~10Hz(1min)
*Total amplitude:1.5mm
*Test times:6hrs.(Two hrs each in three
mutually perpendicular directions)
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Adhesive Strength
of Termination
JIS C 0051- 7.4.3
*Pressurizing force:
5N(≦0603);10N(>0603)
*Test time:10±1 sec
No remarkable damage or removal of the
termination.
Bending test
JIS C 0051- 7.4.1
The middle part of substrate shall be
pressurized by means of the pressurizing rod
at a rate of about 1 mm/s per second until the
deflection becomes 1mm/s and then pressure
shall be maintained for 5
±1 sec.
Measurement to be made after keeping at
room temperature for 24
±2 hours
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com