Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HER201 Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # HER201
Description  2.0 AMP HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

HER201 Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  HER201 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. HER201 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201
HER208
THRU
2.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
2.0
1.0
1.3
1.
70
60
5.0
150
50
7
5
30
-65
+150
V
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.
35 grams
*
HER201 HER202 HER203 HER204 HER205 HER206 HER207 HER208
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
* High speed switching
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
Dimensions in inches and (millimeters)
DO-15
.95(24.0)
MIN.
.95(24.0)
MIN.
.300(7.6)
.230(5.8)
.03
1(.8)
.02
5(.65)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
A
A
V
µA
µA
nS
pF
C
Lead Free Finish/RoHS Compliant
*
Version 1.1
2013/2/27
http://www.bytesonic.com
.tw


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER201 FORMOSA-HER201 Datasheet
34Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER201 UNIOHM-HER201 Datasheet
68Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER201 GWSEMI-HER201 Datasheet
69Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER201 DGNJDZ-HER201 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
UF208-2C2A-2CDO-15 DGNJDZ-UF208-2C2A-2CDO-15 Datasheet
110Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER205-2C2A-2CDO-15 DGNJDZ-HER205-2C2A-2CDO-15 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER207-2C2A.800V-2CDO-15 DGNJDZ-HER207-2C2A.800V-2CDO-15 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER207G-2C2A-2CDO-15 DGNJDZ-HER207G-2C2A-2CDO-15 Datasheet
237Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR230-2C2A-2CDO-15 DGNJDZ-MUR230-2C2A-2CDO-15 Datasheet
268Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com