Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFDIP2012091T2T Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012091T2T
Description  GPS 1.57 GHz/ISM 2.4 GHz Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012091T2T Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012091T2T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091T2T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_RFDIP2012090T2T_V02
Mar. 2015
FEATURES
1.
Miniature footprint: 2.0 X 1.2 X 0.90 mm
3.
2.
Low insertion loss
3.
LTCC process
APPLICATIONS
1.
1572~1607 MHz and 2400~2500MHz band for diplexer applications
2.
GSM, BT/WIFI, LTE related applications
CONSTRUCTION
Top view
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.15
W
1.25 ± 0.15
T
0.90 ± 0.10
A
0.20 ± 0.15
B
0.30 ± 0.15
C
0.35 ± 0.15
D
0.65 ± 0.15
E
0.20 ± 0.15
PIN
Connection
PIN
Connection
1
Lower Freq. Port
4
GND
2
GND
5
Common Port
3
Higher Freq. Port
6
GND
P1
P2
P3
1
P6
P5
P4
Top view
Bottom view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com