Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC300-25VC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # ELANSC300-25VC
Description  Highly Integrated, Low-Power, 32-Bit Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC300-25VC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button ELANSC300-25VC Datasheet HTML 17Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 18Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 19Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 20Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 21Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 22Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 23Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 24Page - Advanced Micro Devices ELANSC300-25VC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
Élan™SC300 Microcontroller Data Sheet
21
PREL IMINARY
Signal Name
(Alternate Functions)
Pin No.
Functional Group
Pin State
Table Number
Description
Page Number
LVDD (A12/BALE)
173
Display interface
8
41
LVEE (IRQ15/IRQ15)
182
Display interface
8
41
M (IRQ4/IRQ4)
173
Display interface
8
42
MA0/SA14
24
Memory bus interface
1
34
MA1/SA15
21
Memory bus interface
1
34
MA10/SA13
10
Memory bus interface
1
34
MA11/SA12
60
Memory bus interface
1
34
MA2/SA16
19
Memory bus interface
1
34
MA3/SA17
18
Memory bus interface
1
34
MA4/SA18
17
Memory bus interface
1
34
MA5/SA19
16
Memory bus interface
1
34
MA6/SA20
15
Memory bus interface
1
34
MA7/SA21
14
Memory bus interface
1
34
MA8/SA22
13
Memory bus interface
1
34
MA9/SA23
11
Memory bus interface
1
34
MCEH_A
130
PCMCIA interface
7
39
MCEH_B
124
PCMCIA interface
7
39
MCEL_A
129
PCMCIA interface
7
39
MCEL_B
123
PCMCIA interface
7
39
MCS16 [LCDDL1]
197
System interface
8
36
MEMR
56
System interface
2
36
MEMW
57
System interface
2
36
(M/IO/DRQ3) DSMD5
170
Display interface
8
41
MWE
8
Memory bus interface
1
34
[PCMCOE] SLCTIN
84
PCMCIA interface
4
38
[PCMCWE] INIT
89
PCMCIA interface
4
39
PE
82
Parallel port interface
4
37
PGP0
189
Power management interface
6
40
PGP1
188
Power management interface
6
40
PGP2
187
Power management interface
6
40
PGP3
186
Power management interface
6
40
PIRQ0 (PIRQ0/IRQ3)
194
System and maximum ISA bus interface
2
36, 44
(PIRQ0/IRQ3) PIRQ0
194
System and maximum ISA bus interface
2
36, 44
PIRQ1 (PIRQ1/IRQ6)
193
System and maximum ISA bus interface
2
36, 44
(PIRQ1/IRQ6) PIRQ1
193
System and maximum ISA bus interface
2
36, 44
PMC0
137
Power management interface
6
40
PMC1
138
Power management interface
6
40
PMC2
77
Power management interface
6
40
PMC3
185
Power management interface
6
40
PMC4
184
Power management interface
6
40
[PPDCS] PPDWE
90
Parallel port interface
4
37
PPDWE [PPDCS]
90
Parallel port interface
4
37
PPOEN
91
Parallel port interface
4
37
PIN DESIGNATIONS (SORTED BY PIN NAME) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com