Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6919ETR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6919ETR
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919ETR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6919ETR Datasheet HTML 10Page - STMicroelectronics L6919ETR Datasheet HTML 11Page - STMicroelectronics L6919ETR Datasheet HTML 12Page - STMicroelectronics L6919ETR Datasheet HTML 13Page - STMicroelectronics L6919ETR Datasheet HTML 14Page - STMicroelectronics L6919ETR Datasheet HTML 15Page - STMicroelectronics L6919ETR Datasheet HTML 16Page - STMicroelectronics L6919ETR Datasheet HTML 17Page - STMicroelectronics L6919ETR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
L6919E
14/33
Figure 7. Output transient response without (a) and with (b) the droop function
Figure 8. Active Droop Function Circuit
The feedback current is equal to 50
µA at nominal full load (IFB = IINFO1 + IINFO2) and 70µA at the OC intervention
threshold, so the maximum output voltage deviation is equal to:
∆VFULL_POSITIVE_LOAD = -RFB · 50µA
∆VOC_INTERVENTION = -RFB · 70µA
Droop function is provided only for positive load; if negative load is applied, and then IINFOx < 0, no current is
sunk from the FB pin. The device regulates at the voltage programmed by the VID.
REMOTE VOLTAGE SENSE
A remote sense buffer is integrated into the device to allow output voltage remote sense implementation without
any additional external components. In this way, the output voltage programmed is regulated between the re-
mote buffer inputs compensating motherboard trace losses or connector losses if the device is used for a VRM
module. The very low offset amplifier senses the output voltage remotely through the pins FBR and FBG (FBR
is for the regulated voltage sense while FBG is for the ground sense) and reports this voltage internally at VSEN
pin with unity gain eliminating the errors. Keeping the FBR and FBG traces parallel and guarded by a power
plane results in common mode coupling for any picked-up noise.
If remote sense is not required, it is enough connecting RFB directly to the regulated voltage: VSEN becomes
not connected and still senses the output voltage through the remote buffer. In this case the FBG and FBR pins
must be connected anyway to the regulated voltage (See figure 10).
The remote buffer is included in the trimming chain in order to achieve ±0.5% accuracy on the output voltage
when the RB Is used: eliminating it from the control loop causes the regulation error to be increased by the RB
offset worsening the device performances.
VMAX
VMIN
VNOM
(a)
(b)
ESR DROP
ESR DROP
VDROOP
Ref
COMP
FB
To VOUT
Total Current Info (I
INFO1+IINFO2)
VDROOP
RFB
Ref
COMP
FB
To VOUT
Total Current Info (I
INFO1+IINFO2)
VDROOP
RFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com