Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPJC-21-252R Datasheet(PDF) 1 Page - Mini-Circuits

Part # CPJC-21-252R
Description  LTCC Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CPJC-21-252R Datasheet(HTML) 1 Page - Mini-Circuits

  CPJC-21-252R Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
A
B
C
D
E
F
.063
.031
.024
.012
.008
.006
1.60
0.79
0.61
0.30
0.20
0.15
G
H
J
K
wt
.020
.010
.022
.053
grams
0.51
0.25
0.56
1.35
0.005
Frequency
(GHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Out
Cpl
Typical Performance Data
Maximum Ratings
Pad Connections
Input
1
GND
2
Coupled Out
3
Termination
4
GND
5
Main Out
6
Outline Dimensions (
)
inch
mm
0.0
0.2
0.4
0.6
0.8
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-21-252R+
MAINLINE LOSS
0
10
20
30
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-21-252R+
RETURN LOSS
IN
OUT
CPL
CPJC-21-252R+
0
10
20
30
40
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
CPJC-21-252R+
COUPLING & DIRECTIVITY
COUPLING
DIRECTIVITY
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
50Ω
2400 to 2500 MHz 21dB Coupling
LTCC Coupler
REV. OR
M172548
CPJC-21-252R+
SL/CP/AM
190318
CASE STYLE:
JC0603C
Features
• miniature size 0603 (0.063”[1.6mm]) x
0.031”[0.8mm] x 0.024”[0.6mm])
• low cost
• aqueous washable
Applications
• ISM Band
• WLAN
• Bluetooth
• Zigbee
Operating Temperature
-55°C to 100°C
Storage Temperature*
-55°C to 100°C
2.40
0.29
20.79
16.70
26.10
26.11
2.87
2.41
0.29
20.78
16.73
26.24
26.21
2.86
2.42
0.29
20.77
16.77
26.41
26.37
2.85
2.43
0.30
20.76
16.80
26.66
26.59
2.84
2.44
0.30
20.74
16.88
26.87
26.89
2.83
2.45
0.30
20.73
16.88
27.16
27.19
2.81
2.46
0.30
20.72
16.91
27.33
27.55
2.80
2.47
0.30
20.71
16.96
27.56
27.87
2.78
2.48
0.30
20.71
16.95
27.64
28.13
2.76
2.49
0.30
20.70
16.99
27.77
28.33
2.75
2.50
0.30
20.69
17.03
27.88
28.51
2.73
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
2400
2500
MHz
Mainline Loss
2400 - 2500
—
0.3
0.4
dB
Coupling
2400 - 2500
19.5
21
22.5
dB
Directivity
2400 - 2500
12.5
19
—
dB
Return Loss (Input)
2400 - 2500
14.7
26
—
dB
Return Loss (Output)
2400 - 2500
14.7
27
—
dB
Input Power1
2400 - 2500
—
—
2
W
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Evaluation Board MCL P/N: TB-CPJC21-252R+
Suggested PCB Layout (PL-440)
Outline Drawing
Electrical Schematic
*Refer to product storage temperature after installation.
Suggestion for T&R unused product storage condition: +5~+35°C,
Humidity 45~75%RH, 12 Month max.
Permanent damage may occur if any of these limits are exceeded.
1. Derate linearly to 1W at 100°C
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000


Similar Part No. - CPJC-21-252R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CPJC-28-252R MINI-CPJC-28-252R Datasheet
328Kb / 1P
LTCC Coupler
CPJC-28-252R+ MINI-CPJC-28-252R+ Datasheet
328Kb / 1P
LTCC Coupler
More results

Similar Description - CPJC-21-252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCP2150M30 ETC-RCP2150M30 Datasheet
78Kb / 1P
LTCC Directional Coupler
logo
Mini-Circuits
BFCN-7350+ MINI-BFCN-7350+ Datasheet
149Kb / 1P
LTCC Bandpass Filter
BFCN-1575 MINI-BFCN-1575 Datasheet
140Kb / 1P
LTCC Bandpass Filter
BFCN-7700 MINI-BFCN-7700 Datasheet
308Kb / 2P
LTCC Bandpass Filter
BFCV-2895 MINI-BFCV-2895 Datasheet
560Kb / 3P
LTCC Bandpass Filter
BFCV-4085 MINI-BFCV-4085 Datasheet
602Kb / 3P
LTCC Bandpass Filter
BFCV-5270 MINI-BFCV-5270 Datasheet
570Kb / 3P
LTCC Bandpass Filter
CPJC-6-252R MINI-CPJC-6-252R Datasheet
329Kb / 1P
LTCC Coupler
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2520070L4T WALSIN-AMDIP2520070L4T Datasheet
552Kb / 6P
LTCC Process
logo
Mini-Circuits
CPJC-28-252R MINI-CPJC-28-252R Datasheet
328Kb / 1P
LTCC Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com