Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2950CDT-3.3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LP2950CDT-3.3
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CDT-3.3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LP2950CDT-3.3 Datasheet HTML 3Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 4Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 5Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 6Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 7Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 8Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 9Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 10Page - ON Semiconductor LP2950CDT-3.3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LP2950
http://onsemi.com
7
0
100
100
4.0
–40
1.8
1.0
80
Vin, INPUT VOLTAGE (V)
f, FREQUENCY (Hz)
t, TEMPERATURE (
°C)
Figure 11. Ripple Rejection
f, FREQUENCY (Hz)
Figure 12. Output Noise
Figure 13. Shutdown Threshold Voltage
versus Temperature
Figure 14. Maximum Rated
Output Current
TA = 25°C
CL = 1.0 µF
Vin = 6.0 V
Vout = 5.0 V
CL = 1.0 µF
CL = 100 µF
IL= 0.1 mA
IL= 100 mA
TA = 25°C
VO = 5.0 V
LP2951C
Output “Off”
Output “On”
TA = 25°C
LP2951CN
60
40
20
0
3.0
2.0
1.0
0
80
60
40
20
0
1.4
1.0
0.8
1.2
1.6
10
100
1.0 k
10 k
100 k
1.0 k
10 k
100 k
– 20
40
80
120
160
5.0
15
25
35
40
10
20
30
60
100
140
20
0
TA = 75°C
4.0
2.0
0
– 2.0
– 4.0
– 6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com