Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS9101 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # MS9101
Description  BRACKET, ANGLE 90째, .190 BOLT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

MS9101 Datasheet(HTML) 1 Page - UMPCO, Inc.

  MS9101 Datasheet HTML 1Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
01/30/09
MS9101
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRESIDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, ANGLE 90°, .190 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
.500
422
.200
.210
.068
.056
R
.210
.200
R .500
.250
.288
.278
.288/.278
MARK PART
NUMBER AND
MFR IDENT PER
AS 478 CLASS D
D
R .125
B
A
R .500
R
.422
90°
REQUIREMENTS:
1.
MATERIAL: CORRISION RESISTANT STEEL IN ACCORDNACE
WITH AMS 5510.
2.
DIMENSIONING AND TOLERANCING: DIMENSIONING AND
TOLERANCING SHALL BE IN ACCORDANCE WITH ANSI Y14
5M
3.
TOLERANCE: UNLESS OTHERWISE SPECIFIED, TOLERANCES
SHALL BE FOR LINEAR DIMENSION ±.015, ANGULAR ±2°.
4.
PART NUMBER: THE PART NUMBER SHALL CONSIST OF THE
BASIC MS NUMBER FOLLOWED BY A DASH NUMBER FROM
THE TABLE.
EXAMPLE:
MS9101 -02
DASH NUMBER
BASIC MS NUMBER
NOTES:
1.
ALL DIMENSIONS ARE IN INCHES.
2.
DO NOT USE UNASSIGNED PART NUMBERS.
3.
REMOVE BURRS AND BREAK SHARP EDGES.
AB
C
D
REF
REF
±.010
±.010
MS9101-01
0.500
0.500
0.328
0.328
MS9101-02
0.500
0.625
0.328
0.453
MS9101-03
0.500
0.750
0.328
0.578
MS9101-04
0.500
0.875
0.328
0.703
MS9101-05
0.500
1.000
0.328
0.828
MS9101-06
0.500
1.250
0.328
1.078
MS9101-07
0.500
1.500
0.328
1.328
MS9101-08
0.500
1.750
0.328
1.578
MS9101-10
0.625
0.625
0.453
0.453
MS9101-11
0.625
0.750
0.453
0.578
MS9101-12
0.625
0.875
0.453
0.703
MS9101-13
0.625
1.000
0.453
0.828
MS9101-14
0.625
1.250
0.453
1.078
MS9101-15
0.625
1.500
0.453
1.328
MS9101-16
0.625
1.750
0.453
1.578
MS9101-20
0.750
0.750
0.578
0.578
MS9101-21
0.750
0.875
0.578
0.703
MS9101-22
0.750
1.000
0.578
0.828
MS9101-23
0.750
1.250
0.578
1.078
MS9101-24
0.750
1.500
0.578
1.328
MS9101-25
0.750
1.750
0.578
1.578
MS9101-30
0.875
0.875
0.703
0.703
MS9101-31
0.875
1.000
0.703
0.828
MS9101-32
0.875
1.250
0.703
1.078
MS9101-33
0.875
1.500
0.703
1.328
MS9101-34
0.875
1.750
0.703
1.578
MS9101-40
1.000
1.000
0.828
0.828
MS9101-41
1.000
1.250
0.828
1.078
MS9101-42
1.000
1.500
0.828
1.328
MS9101-43
1.000
1.750
0.828
1.578
MS9101-44
1.000
2.000
0.828
1.828
DASH NO
C


Similar Part No. - MS9101

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9102-01 UMPCO-MS9102-01 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9102-02 UMPCO-MS9102-02 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9102-03 UMPCO-MS9102-03 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9102-04 UMPCO-MS9102-04 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
More results

Similar Description - MS9101

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9228 UMPCO-AS9228 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
AS9230 UMPCO-AS9230 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .312 BOLT
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
BRACKET-ANGLE 90째,.190 X .375 BOLT
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9103 UMPCO-MS9103 Datasheet
72Kb / 1P
BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .375 BOLT
MS9165 UMPCO-MS9165 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
MS9168 UMPCO-MS9168 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .375 BOLT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com