Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10C3742TTL Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C3742TTL
Description  High Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C3742TTL Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF10C3742TTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF10C3742TTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Approval Sheet
Page 7 of 10
ASC_WFxxC
MAR 2018
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WF06
C
xxxx
B
T
L
Size code
WF25: 2512
WF20: 2010
WF10: 1210
WF12: 1206
WF08: 0805
WF06: 0603
WF04: 0402
Type code
C : 2 ppm
Resistance code
E192+E24:
R is first code followed by
3 significant digits.
100
Ω
=1000
37.4K
Ω
=3742
Tolerance
T :
±0.01%
U:
±0.01%
A :
±0.05%
B :
±0.10%
C :
±0.25%
D :
±0.50%
F :
±1.00%
Packaging code
T : Taped & Reel
Termination code
L : lead free
1. Reeled tape packaging: 8mm width paper taping.
5,000pcs/reel for WF10, WF12, WF08, WF06;
10,000pcs/reel for WF04,.
2. Reeled tape packaging: 12mm width paper taping
4,000pcs/reel for WF25, WF20.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com