Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10C3742UTL Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C3742UTL
Description  High Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C3742UTL Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WF10C3742UTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C3742UTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Approval Sheet
Page 1 of 10
ASC_WFxxC
MAR 2018
WF25C, WF20C, WF10C, WF12C, WF08C,
WF06C, WF04C.
±±±±1%, ±±±±0.5%, ±±±±0.25%, ±±±±0.1%, ±±±±0.05% , ±±±±0.01%
TC2
High Precision Thin Film Chip Resistors
Size 2512, 2010, 1210, 1206, 0805, 0603,
0402
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WF10C3742UTL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF10C3742UTLQ WALSIN-WF10C3742UTLQ Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
More results

Similar Description - WF10C3742UTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPU0603 VISHAY-TNPU0603 Datasheet
94Kb / 7P
High Precision Thin Film Chip Resistors
12-Aug-10
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
SFXXT_Q WALSIN-SFXXT_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXB_Q WALSIN-WFXXB_Q Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
WFXXC_Q WALSIN-WFXXC_Q Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXT_Q WALSIN-WFXXT_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com